Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BALF-NRF01D3 Datasheet (PDF) - STMicroelectronics

BALF-NRF01D3 Datasheet PDF - STMicroelectronics
Part # BALF-NRF01D3
Download  BALF-NRF01D3 Download
File Size   621.28 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter

BALF-NRF01D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
BALF-NRF01D3 Datasheet PDF - STMicroelectronics

Part # BALF-NRF01D3
Download  BALF-NRF01D3 Click to download

File Size   621.28 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter

BALF-NRF01D3 Datasheet (HTML) - STMicroelectronics


BALF-NRF01D3 Product details

Description
STMicroelectronics BALF-NRF01D3 is an ultraminiature balun. The BALF-NRF01D3 integrates matching network in a monolithic glass substrate. Matching impedance has been customized for the nRF51822-QFAAG0/GC/FA, nRF51822-QFABB0 and nRF51422-QFAAE0 RF transceivers. The BALF-NRF01D3 uses STMicroelectronics IPD technology on non-conductive glass substrate which optimize RF performances.

Features
■ Low insertion loss
■ Low amplitude imbalance
■ Low phase imbalance
■ Coated Flip-Chip on Glass
■ Small footprint: < 1.5 mm2 Benefits
■ Very low profile: < 560 µm after reflow
■ High RF performance
■ PCB space saving versus discrete solution
■ BOM count reduction
■ Efficient manufacturability

Applications
■ 2.45 GHz balun with integrated matching network
■ Matching optimized for following chipsets: nRF51822-QFAAG0/GC/FA, nRF51822- QFABB0 and nRF51422-QFAAE0




Similar Part No. - BALF-NRF01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
Low amplitude imbalance
28-Nov-2014
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
22-Feb-2018
More results


Similar Description - BALF-NRF01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
23-Sep-2015
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
04-Jul-2016
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
07-Jul-2016
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
23-Jun-2017
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
22-Feb-2018
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
12-Jul-2018
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com