Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BALF-NRG-02J5 Datasheet (PDF) - STMicroelectronics

BALF-NRG-02J5 Datasheet PDF - STMicroelectronics
Part # BALF-NRG-02J5
Download  BALF-NRG-02J5 Download
File Size   706.75 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234

BALF-NRG-02J5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BALF-NRG-02J5 Datasheet PDF - STMicroelectronics

Part # BALF-NRG-02J5
Download  BALF-NRG-02J5 Click to download

File Size   706.75 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234

BALF-NRG-02J5 Datasheet (HTML) - STMicroelectronics


BALF-NRG-02J5 Product details

Features
• 50 Ω nominal input / conjugate match to STMicroelectronics chips BlueNRG-134
WLCSP and BlueNRG-234 WLCSP
• Low insertion loss
• Low amplitude imbalance
• Low phase imbalance
• Ultraminiature footprint: < 1.2 mm2
• Extra low profile < 350 μm after reflow
• High RF performance
• RF BOM and area reduction

Applications
• 2.45 GHz impedance matched balun filter
• Optimized for STMicroelectronics chip set BlueNRG-134 and BlueNRG-234
WLCSP
• Wearable applications

Description
This device is an ultraminiature extra thin balun that integrates matching network and
harmonics filter.
Matching impedance has been customized for the BLUENRG-134 and BlueNRG-234
WLCSP from STMicroelectronics.
Based on IPD technology on high resistivity silicium it optimizes the RF performance.
STMicroelectronics qualified this product intended to be used in system in package
module based on standard reliability procedure. For more details, please contact ST
representatives.
It is the responsibility of the customer to perform qualification reliability verifications
as it is related to customer specific application, mission profile and module design,
process.




Similar Part No. - BALF-NRG-02J5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
23-Jun-2017
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
More results


Similar Description - BALF-NRG-02J5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
50 ohm, conjugate match to CC2541 transformer balun
17-Nov-2015
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
23-Sep-2015
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
04-Jun-2014
BALF-112X-01D3 STMICROELECTRONICS-BALF-112X-01D3 Datasheet
626Kb / 11P
50 ohm nominal input / conjugate match balun CC1120, CC1125 (868-928 MHz), with integrated harmonic filter
04-Jul-2016
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
07-Jul-2016
BALF-NRG-02D3 STMICROELECTRONICS-BALF-NRG-02D3 Datasheet
735Kb / 11P
50 ohm nominal input / conjugate match to BlueNRG tranceiver,with integrated harmonic filter
23-Jun-2017
BALF-NRF01J5 STMICROELECTRONICS-BALF-NRF01J5 Datasheet
1Mb / 9P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP
22-Feb-2018
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com