Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BALF-NRF01J5 Datasheet (PDF) - STMicroelectronics

BALF-NRF01J5 Datasheet PDF - STMicroelectronics
Part # BALF-NRF01J5
Download  BALF-NRF01J5 Download
File Size   1156.13 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP

BALF-NRF01J5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BALF-NRF01J5 Datasheet PDF - STMicroelectronics

Part # BALF-NRF01J5
Download  BALF-NRF01J5 Click to download

File Size   1156.13 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to nRF51822-CTAA/CTAC in WLCSP

BALF-NRF01J5 Datasheet (HTML) - STMicroelectronics


BALF-NRF01J5 Product details

Features
• 50 Ω nominal input / conjugate match to Nordic Semiconductor chips nRF51822
WLCSP
• Low insertion loss
• Low amplitude imbalance
• Low phase imbalance
• Small footprint: < 1.2 mm2
• Extra low profile < 350 μm after reflow
• High RF performance
• RF BOM and area reduction

Applications
• 2.45 GHz impedance matched balun filter
• Optimized for Nordic's chip set nRF51822-CTAA, CTAC
• Wearable applications

Description
This device is an ultraminiature extra thin balun that integrates matching network and
harmonics filter.
Matching impedance has been customized for the nRF51822-CTAA and CTAC
WLCSP Nordic Semiconductor circuits.
Based on IPD technology on high resistivity silicium it optimizes the RF performance.
The BALF-NRF01J5 has been tested and approved by Nordic Semiconductor.
STMicroelectronics qualified this product intended to be used in System in Package
module based on standard reliability procedure. For more details, please contact ST
representatives.
It is the responsibility of the customer to perform qualification reliability verifications
as it is related to customer specific application / mission profile and module design /
process.




Similar Part No. - BALF-NRF01J5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
04-Jun-2014
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
Low amplitude imbalance
28-Nov-2014
More results


Similar Description - BALF-NRF01J5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BALF-CC25-02D3 STMICROELECTRONICS-BALF-CC25-02D3 Datasheet
616Kb / 11P
50 ohm, conjugate match to CC2541 transformer balun
17-Nov-2015
BAL-CW1250D3 STMICROELECTRONICS-BAL-CW1250D3 Datasheet
506Kb / 10P
50 Ω nominal input / conjugate match balun to CW1250/CW1260/CW1150/CW1160, with integrated harmonic filter
23-Sep-2015
BALF-NRF01D3 STMICROELECTRONICS-BALF-NRF01D3 Datasheet
621Kb / 11P
50 Ω nominal input / conjugate match balun to nRF51822-QFAAG0 /QFABB0 and nRF51422-QFAAE0 with integrated harmonic filter
04-Jun-2014
BALF-112X-02D3 STMICROELECTRONICS-BALF-112X-02D3 Datasheet
639Kb / 12P
50 ohm nominal input / conjugate match balun CC1120, CC1125, 433 MHz, with integrated harmonic filter
07-Jul-2016
BALF-NRG-02J5 STMICROELECTRONICS-BALF-NRG-02J5 Datasheet
706Kb / 13P
50 Ω ultra thin balun with integrated harmonic filter / conjugate match balun to ST BlueNRG-134 and BlueNRG-234
12-Jul-2018
BALFLB-WL-07D3 STMICROELECTRONICS-BALFLB-WL-07D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to BGA-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFLB-WL-08D3 STMICROELECTRONICS-BALFLB-WL-08D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFLB-WL-09D3 STMICROELECTRONICS-BALFLB-WL-09D3 Datasheet
2Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in high power mode, 470-510 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-05D3 STMICROELECTRONICS-BALFHB-WL-05D3 Datasheet
3Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-4L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
BALFHB-WL-06D3 STMICROELECTRONICS-BALFHB-WL-06D3 Datasheet
2Mb / 13P
50 Ω nominal input / conjugate match balun to QFN-2L STM32WL in low power mode, 862-928 MHz with integrated harmonic filter
21-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com