Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF30BA80 Datasheet (PDF) - SanRex Corporation

DF30BA80 Datasheet PDF - SanRex Corporation
Part # DF30BA80
Download  DF30BA80 Download
File Size   94.58 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description DIODE(THREE PHASES BRIDGE TYPE)

DF30BA80 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF30BA80 Datasheet PDF - SanRex Corporation

Part # DF30BA80
Download  DF30BA80 Click to download

File Size   94.58 Kbytes
Page   2 Pages
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation
Description DIODE(THREE PHASES BRIDGE TYPE)

DF30BA80 Datasheet (HTML) - SanRex Corporation


DF30BA80 Product details

Power Diode Module DF30BA is designed for three phase full wave rectification, which has six diodes connected in a three phase bridge configuration. The mounting base of the module is electrically isolated from semiconductor elements for simple heatsink construction output DC current is 30Amp (Tc=122℃) Repetitive peak reverse voltage is up to 800V.

● TjMax=150℃
● Isolated Mounting Base
● High reliability by unique glass passivation
● Easy Assemble by the #250 terminal Tab

(Applications)
  AC. DC Motor Drive/AVR/Switching
   ―for three phase rectification  




Similar Part No. - DF30BA80

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF300R07PE4_B6 INFINEON-DF300R07PE4_B6 Datasheet
847Kb / 10P
EconoPACK4 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:2.1
DF300R07W2H3B77BPSA1 INFINEON-DF300R07W2H3B77BPSA1 Datasheet
739Kb / 20P
EasyPACK™ 2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
DF300R07W2H3_B77 INFINEON-DF300R07W2H3_B77 Datasheet
745Kb / 20P
EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
DF300R07W2H3_B77 INFINEON-DF300R07W2H3_B77 Datasheet
739Kb / 20P
EasyPACK™ 2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
logo
eupec GmbH
DF300R12KE3 EUPEC-DF300R12KE3 Datasheet
174Kb / 9P
Höchstzulässige Werte / maximum rated values
2002-10-02
More results


Similar Description - DF30BA80

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF100LA SANREX-DF100LA Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF20AA120 SANREX-DF20AA120 Datasheet
266Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100AA120 SANREX-DF100AA120 Datasheet
268Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50AA120 SANREX-DF50AA120 Datasheet
236Kb / 2P
DIODE (THREE PHASES BRIDGE TYPE)
DF75BA40 SANREX-DF75BA40 Datasheet
113Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF75LA80 SANREX-DF75LA80 Datasheet
100Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF50BA40 SANREX-DF50BA40 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF200AA120 SANREX-DF200AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com