Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6574B Datasheet (PDF) - STMicroelectronics

EVAL6574B Datasheet PDF - STMicroelectronics
Part # EVAL6574B
Download  EVAL6574B Download
File Size   398.89 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CFL/TL ballast driver preheat and dimming demonstration board based on the L6574

EVAL6574B Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL6574B Datasheet PDF - STMicroelectronics

Part # EVAL6574B
Download  EVAL6574B Click to download

File Size   398.89 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CFL/TL ballast driver preheat and dimming demonstration board based on the L6574

EVAL6574B Datasheet (HTML) - STMicroelectronics


EVAL6574B Product details

Description
This design was developed to drive a TL fluorescent lamp of up to 58 W. It is composed of two sections: the PFC using the L6561 controller, and the ballast based on the L6574. The application includes a current feedback that can be used to control the power (and, if necessary, the dimming function) by varying the switching frequency during normal lamp operation. The application also features safety circuitry which activates when an open load or faulty lamp ignition is detected. The PFC pre-regulator allows connection of the application to a wide input voltage range (85 Vac to 265 Vac) providing a Power Factor higher than 0.99 and a THD lower than 10%. EVAL6574B




Similar Part No. - EVAL6574B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
Standard form factor
28-Nov-2011
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
EVAL6562-250W STMICROELECTRONICS-EVAL6562-250W Datasheet
95Kb / 4P
L6562-250W High performance TM PFC
13-Nov-2006
EVAL6563-400W STMICROELECTRONICS-EVAL6563-400W Datasheet
152Kb / 6P
L6563 400 W FOT-controlled PFC pre-regulator
26-Jan-2007
EVAL6563-80W STMICROELECTRONICS-EVAL6563-80W Datasheet
202Kb / 5P
L6563 80W High performanceTM PFC with active tracking boost function
10-Jan-2007
More results


Similar Description - EVAL6574B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
STEVAL-ILB004V1 STMICROELECTRONICS-STEVAL-ILB004V1 Datasheet
95Kb / 4P
Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
02-Dec-2008
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
Sep-2003
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com