Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet (PDF) - STMicroelectronics

STPM33 Datasheet PDF - STMicroelectronics
Part # STPM33
Download  STPM33 Download
File Size   533.06 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IEC61000 standard compliant

STPM33 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPM33 Datasheet PDF - STMicroelectronics

Part # STPM33
Download  STPM33 Click to download

File Size   533.06 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IEC61000 standard compliant

STPM33 Datasheet (HTML) - STMicroelectronics


STPM33 Product details

Description
The STPM33 energy metering evaluation board is a class 0.2, single-phase meter which includes tamper monitoring, CT and shunt current sensors for power line systems with Vnom = 140 to 300 V(RMS), Inom / Imax = 5/100 A(RMS), flin = 50/60 Hz ± 10% and Tamb = -40 to +85 °C. Measured active/reactive power can be output from two programmable LEDs on the board. The board can be interfaced with a PC running evaluation software through an isolated RS232 port, or through the STEVAL-IPE023V1 USB isolated interface tool for configuration and data reading. The board also has SPI/UART pins available to interface a microcontroller for application development.

Features
■ 0.2% accuracy single-phase meter with tamper monitoring
■ Vnom(RMS) = 140 to 300 V, Inom/Imax(RMS) = 5/100 A, flin = 50/60 Hz ± 10%
■ Tamper detection though neutral current monitoring
■ Connector for USB isolated hardware programmer tool STEVAL-IPE023V1 and PC GUI
■ RS232 and UART isolated connectors to PC GUI
■ SPI/UART switch for device peripheral selection
■ 2 programmable LEDs on board
■ Digital expansion to external system-on-chip or MCU
■ 3.3 V power supply: external or through STEVAL-IPE023V1 isolated USB board
■ IEC61000 standard compliant
■ RoHS compliant




Similar Part No. - STPM33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM33 STMICROELECTRONICS-STPM33 Datasheet
3Mb / 121P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
14-Dec-2018
STPM33 STMICROELECTRONICS-STPM33 Datasheet
5Mb / 89P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
25-Sep-2023
STPM33TR STMICROELECTRONICS-STPM33TR Datasheet
3Mb / 121P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
14-Dec-2018
STPM33TR STMICROELECTRONICS-STPM33TR Datasheet
5Mb / 89P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
25-Sep-2023
More results


Similar Description - STPM33

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBTAA TRIPPLITE-SR25UBTAA Datasheet
493Kb / 3P
TAA-Compliant 25U SmartRack Standard-Depth
logo
Leshan Radio Company
LESD9D12T5G LRC-LESD9D12T5G Datasheet
493Kb / 6P
IEC61000???? Level 4 ESD Protection
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
Compliant with DALI Standard
logo
Alliance Semiconductor ...
1GB-DDR3L-AS4C64M16D3L ALSC-1GB-DDR3L-AS4C64M16D3L Datasheet
2Mb / 90P
JEDEC Standard Compliant
2GB-AUTO-AS4C128M16D3 ALSC-2GB-AUTO-AS4C128M16D3 Datasheet
2Mb / 83P
JEDEC Standard Compliant
AS4C64M16D2 ALSC-AS4C64M16D2 Datasheet
1Mb / 58P
JEDEC Standard Compliant
logo
Delta Electronics, Inc.
Q48SG DELTA-Q48SG Datasheet
933Kb / 26P
Industry standard, DOSA compliant pin out
Q48SD DELTA-Q48SD Datasheet
563Kb / 24P
Industry standard, DOSA compliant pin out
Q54SG12033 DELTA-Q54SG12033 Datasheet
1Mb / 24P
Industry standard, DOSA compliant pin out
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
IEC61000-3-2 Class D Standards Compliant
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com