Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM33 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPM33
Description  IEC61000 standard compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Datasheet(HTML) 1 Page - STMicroelectronics

  STPM33 Datasheet HTML 1Page - STMicroelectronics STPM33 Datasheet HTML 2Page - STMicroelectronics STPM33 Datasheet HTML 3Page - STMicroelectronics STPM33 Datasheet HTML 4Page - STMicroelectronics STPM33 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
March 2014
DocID026139 Rev 1
1/5
EVALSTPM33
Single-phase energy metering evaluation board with tamper
monitoring, CT and shunt current sensor based on the STPM33
Data brief
Features
• 0.2% accuracy single-phase meter with tamper
monitoring
• V
nom(RMS) = 140 to 300 V, Inom/Imax(RMS) =
5/100 A, flin = 50/60 Hz ± 10%
• Tamper detection though neutral current
monitoring
• Connector for USB isolated hardware
programmer tool STEVAL-IPE023V1 and PC
GUI
• RS232 and UART isolated connectors to PC
GUI
• SPI/UART switch for device peripheral
selection
• 2 programmable LEDs on board
• Digital expansion to external system-on-chip or
MCU
• 3.3 V power supply: external or through
STEVAL-IPE023V1 isolated USB board
• IEC61000 standard compliant
• RoHS compliant
Description
The STPM33 energy metering evaluation board is
a class 0.2, single-phase meter which includes
tamper monitoring, CT and shunt current sensors
for power line systems with Vnom = 140 to
300 V(RMS), Inom / Imax = 5/100 A(RMS), flin = 50/60
Hz ± 10% and Tamb = -40 to +85 °C.
Measured active/reactive power can be output
from two programmable LEDs on the board.
The board can be interfaced with a PC running
evaluation software through an isolated RS232
port, or through the STEVAL-IPE023V1 USB
isolated interface tool for configuration and data
reading.
The board also has SPI/UART pins available to
interface a microcontroller for application
development.
www.st.com


Similar Part No. - STPM33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM33 STMICROELECTRONICS-STPM33 Datasheet
3Mb / 121P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
14-Dec-2018
STPM33 STMICROELECTRONICS-STPM33 Datasheet
5Mb / 89P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
25-Sep-2023
STPM33TR STMICROELECTRONICS-STPM33TR Datasheet
3Mb / 121P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
14-Dec-2018
STPM33TR STMICROELECTRONICS-STPM33TR Datasheet
5Mb / 89P
ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
25-Sep-2023
More results

Similar Description - STPM33

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBTAA TRIPPLITE-SR25UBTAA Datasheet
493Kb / 3P
TAA-Compliant 25U SmartRack Standard-Depth
logo
Leshan Radio Company
LESD9D12T5G LRC-LESD9D12T5G Datasheet
493Kb / 6P
IEC61000???? Level 4 ESD Protection
logo
Recom International Pow...
RELI-DA01 RECOM-RELI-DA01 Datasheet
124Kb / 4P
Compliant with DALI Standard
logo
Alliance Semiconductor ...
1GB-DDR3L-AS4C64M16D3L ALSC-1GB-DDR3L-AS4C64M16D3L Datasheet
2Mb / 90P
JEDEC Standard Compliant
2GB-AUTO-AS4C128M16D3 ALSC-2GB-AUTO-AS4C128M16D3 Datasheet
2Mb / 83P
JEDEC Standard Compliant
AS4C64M16D2 ALSC-AS4C64M16D2 Datasheet
1Mb / 58P
JEDEC Standard Compliant
logo
Delta Electronics, Inc.
Q48SG DELTA-Q48SG Datasheet
933Kb / 26P
Industry standard, DOSA compliant pin out
Q48SD DELTA-Q48SD Datasheet
563Kb / 24P
Industry standard, DOSA compliant pin out
Q54SG12033 DELTA-Q54SG12033 Datasheet
1Mb / 24P
Industry standard, DOSA compliant pin out
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
IEC61000-3-2 Class D Standards Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com