Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-VN5E025AJ Datasheet (PDF) - STMicroelectronics

EV-VN5E025AJ Datasheet PDF - STMicroelectronics
Part # EV-VN5E025AJ
Download  EV-VN5E025AJ Download
File Size   132.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Provides electrical connectivity for easy prototyping

EV-VN5E025AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
EV-VN5E025AJ Datasheet PDF - STMicroelectronics

Part # EV-VN5E025AJ
Download  EV-VN5E025AJ Click to download

File Size   132.1 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Provides electrical connectivity for easy prototyping

EV-VN5E025AJ Datasheet (HTML) - STMicroelectronics


EV-VN5E025AJ Product details

Description
EV-VN5E025AJ provides you an easy way to connect ST’s surface mounted VIPower® drivers into your existing prototype circuitry. This evaluation board comes pre-assembled with VN5E025AJ-E high-side driver. The VN5E025AJ-E is a single channel high-side driver manufactured using ST proprietary VIPower M0-5 technology and housed in PowerSSO-12 package. The VN5E025AJ-E is designed to drive 12 V automotive grounded loads, providing protection, diagnostics and easy 3 V and 5 V CMOS-compatible interface with any microcontroller. The device integrates advanced protective functions such as load current limitation, inrush and overload active management by power limitation, overtemperature shutoff with autorestart and overvoltage active clamp. A dedicated analog current sense pin is associated with every output channel provides enhanced diagnostic functions including fast detection of overload and short-circuit to ground through power limitation indication, over temperature indication, short-circuit to VCC diagnosis and ON-state and OFF-state open-load detection. The current sensing and diagnostic feedback of the whole device can be disabled by pulling the CS_DIS pin high to share the external sense resistor with similar devices.

Features
■ Simple single IC application board dedicated for VN5E025AJ-E
■ Provides thermal heat-sinking for ease of use in prototyping
■ Provides electrical connectivity for easy prototyping




Similar Part No. - EV-VN5E025AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VN7003AH STMICROELECTRONICS-EV-VN7003AH Datasheet
314Kb / 8P
VN7003AH Evaluation Board
14-Oct-2016
EV-VN7003ALH STMICROELECTRONICS-EV-VN7003ALH Datasheet
315Kb / 8P
Overload and short to ground
17-Oct-2016
EV-VN7004CH STMICROELECTRONICS-EV-VN7004CH Datasheet
317Kb / 8P
Undervoltage shutdown
14-Oct-2016
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
Load current limitation
17-Oct-2016
EV-VN7007ALH STMICROELECTRONICS-EV-VN7007ALH Datasheet
305Kb / 8P
Overvoltage clamp
17-Oct-2016
More results


Similar Description - EV-VN5E025AJ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
MORPH-IC-II FTDI-MORPH-IC-II Datasheet
1Mb / 30P
ASIC prototyping using USB connectivity to FPGA
logo
List of Unclassifed Man...
RN-XVEE ETC2-RN-XVEE Datasheet
1Mb / 2P
Provides drop in, certified Wi-Fi connectivity for existing systems currently using 802.15.4 modules.
logo
Texas Instruments
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
logo
List of Unclassifed Man...
LPE16004 ETC2-LPE16004 Datasheet
568Kb / 3P
Provides FC connectivity for slot constrained server environments
logo
API Technologies Corp
MLFT2-001-TFCAC APITECH-MLFT2-001-TFCAC Datasheet
137Kb / 1P
Easy installation, provides a connector interface
logo
STMicroelectronics
EV-VNH5050A STMICROELECTRONICS-EV-VNH5050A Datasheet
245Kb / 12P
EV-VNH5050A provides you an easy way
11-Feb-2014
EV-VNH5180A STMICROELECTRONICS-EV-VNH5180A Datasheet
244Kb / 12P
EV-VNH5180A provides you an easy way
11-Feb-2014
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
EM Microelectronic - MA...
EMEVB8900 EMMICRO-EMEVB8900 Datasheet
153Kb / 1P
Evaluation & Prototyping Tool for EM8900
logo
NXP Semiconductors
S32G2 NXP-S32G2 Datasheet
1Mb / 138P
This document provides electrical specifications for S32G2.
Rev. 6 - 12/2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com