Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-VNH5050A Datasheet (PDF) - STMicroelectronics

EV-VNH5050A Datasheet PDF - STMicroelectronics
Part # EV-VNH5050A
Download  EV-VNH5050A Download
File Size   245.02 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EV-VNH5050A provides you an easy way

EV-VNH5050A Datasheet (PDF)

Go To PDF Page Download Datasheet
EV-VNH5050A Datasheet PDF - STMicroelectronics

Part # EV-VNH5050A
Download  EV-VNH5050A Click to download

File Size   245.02 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EV-VNH5050A provides you an easy way

EV-VNH5050A Datasheet (HTML) - STMicroelectronics


EV-VNH5050A Product details

Description
EV-VNH5050A provides you an easy way to connect ST’s surface mounted VIPower® HBridge drivers into your existing prototype circuitry. This evaluation board comes preassembled with VNH5050A-E H-Bridge. The VNH5050A-E is a system in package H-Bridge manufactured in the ST proprietary VIPower® M0- 5 technology and housed in the PowerSSO-36 package. The VNH5050A-E is designed to drive 12 V automotive bidirectional load such as a PMDC motor. The VNH5050A-E provides protection, diagnostics and easy 3 V and 5 V CMOS compatible interface with any microcontroller. The device integrates advanced protection functions such as load current limitation, inrush and active overload management by power limitation, overtemperature shut-off with autorestart and overvoltage active clamp. A dedicated analog current sense pin is associated with every output channel in order to provide Enhanced diagnostic functions including fast detection of overload and short-circuit to ground through power limitation indication, overtemperature indication, short-circuit to VCC protection and diagnosis as well as on-state and off-state open-load detection. The current sensing and diagnostic feedback of the whole device can be disabled by pulling the CS_DIS pin high to allow sharing of the external sense resistor with other similar devices. Parameter

Features
■ Simple single IC application board dedicated for VNH5050-E
■ Provides thermal heat-sinking for ease of use in prototyping
■ Provides electrical connectivity for easy prototyping




Similar Part No. - EV-VNH5050A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VNH5180A STMICROELECTRONICS-EV-VNH5180A Datasheet
244Kb / 12P
EV-VNH5180A provides you an easy way
11-Feb-2014
More results


Similar Description - EV-VNH5050A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM3320-BATT-EV-NOPB TI-SM3320-BATT-EV-NOPB Datasheet
1Mb / 21P
AN-2121 SolarMagic??SM3320-BATT-EV Charge Controller Reference Design
logo
List of Unclassifed Man...
LL3-TB01 ETC2-LL3-TB01 Datasheet
1Mb / 16P
Bending light the easy way
logo
Texas Instruments
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
logo
STMicroelectronics
AN4417 STMICROELECTRONICS-AN4417 Datasheet
271Kb / 22P
This document provides an overview
19-Dec-2013
AN2142 STMICROELECTRONICS-AN2142 Datasheet
705Kb / 16P
This document provides an introduction to the Tasking toolchain
24-Sep-2013
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
This application note provides an easy introduction to the usage
17-Sep-2013
logo
API Technologies Corp
MLFT2-001-TFCAC APITECH-MLFT2-001-TFCAC Datasheet
137Kb / 1P
Easy installation, provides a connector interface
logo
STMicroelectronics
EV-VN5E025AJ STMICROELECTRONICS-EV-VN5E025AJ Datasheet
132Kb / 8P
Provides electrical connectivity for easy prototyping
17-Sep-2013
EV-VNH5180A STMICROELECTRONICS-EV-VNH5180A Datasheet
244Kb / 12P
EV-VNH5180A provides you an easy way
11-Feb-2014
logo
Maxim Integrated Produc...
MAX32010EVKIT MAXIM-MAX32010EVKIT Datasheet
1Mb / 26P
Easy Evaluation of the MAX32010 EV kit
Rev 0; 11/20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com