Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-VND5E160J Datasheet (PDF) - STMicroelectronics

EV-VND5E160J Datasheet PDF - STMicroelectronics
Part # EV-VND5E160J
Download  EV-VND5E160J Download
File Size   134.01 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The diagnostic feedback of the whole device

EV-VND5E160J Datasheet (PDF)

Go To PDF Page Download Datasheet
EV-VND5E160J Datasheet PDF - STMicroelectronics

Part # EV-VND5E160J
Download  EV-VND5E160J Click to download

File Size   134.01 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The diagnostic feedback of the whole device

EV-VND5E160J Datasheet (HTML) - STMicroelectronics


EV-VND5E160J Product details

Description
EV-VND5E160J provides you an easy way to connect ST’s surface mounted VIPower® drivers into your existing prototype circuitry. This evaluation board comes pre-assembled with VND5E160J-E high-side driver. The VND5E160J-E is a double channel high-side driver manufactured using ST proprietary VIPower M0-5 technology and housed in PowerSSO-12 package. The VND5E160J-E is designed to drive automotive grounded loads, providing protection, diagnostics and easy 3 V and 5 V CMOS-compatible interface with any microcontroller. The device integrates advanced protective functions such as load current limitation, inrush and overload active management by power limitation, overtemperature shut-off with autorestart and overvoltage active clamp. A dedicated analog current sense pin is associated with every output channel in order to provide enhanced diagnostic functions including fast detection of overload and short-circuit to ground, overtemperature indication, short-circuit to VCC diagnosis and ON-state and OFF-state open-load detection. The diagnostic feedback of the whole device can be disabled by pulling the STAT_DIS pin up, thus allowing wired-ORing with similar devices.

Features
■ Simple single IC application board dedicated for VND5E160J-E
■ Provides thermal heat-sinking for ease of use in prototyping.
■ Provides electrical connectivity for easy prototyping




Similar Part No. - EV-VND5E160J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
More results


Similar Description - EV-VND5E160J

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN331 SILABS-AN331 Datasheet
199Kb / 8P
COMPENSATING THE FEEDBACK LOOP FOR THE Si3400 AND Si3401
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
STMicroelectronics
AN2725 STMICROELECTRONICS-AN2725 Datasheet
177Kb / 8P
a brief description of the TS2012 device
28-Aug-2009
AN533 STMICROELECTRONICS-AN533 Datasheet
222Kb / 22P
The behavior of a semiconductor device depends
10-Mar-2008
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
Double the drive of the standard 97U877 device
logo
Shoulder Electronics Li...
HDF383AS4 SHOULDER-HDF383AS4 Datasheet
161Kb / 7P
Drop the device randomly onto the concrete floor from the height of 1m 3 times
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y601 AVAGO-HLMP-Y601 Datasheet
70Kb / 3P
The junction temperature of the device determines
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E050AJ STMICROELECTRONICS-EV-VND5E050AJ Datasheet
131Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com