Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV-VND5E050AJ Datasheet (PDF) - STMicroelectronics

EV-VND5E050AJ Datasheet PDF - STMicroelectronics
Part # EV-VND5E050AJ
Download  EV-VND5E050AJ Download
File Size   131.95 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The current sensing and diagnostic feedback

EV-VND5E050AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
EV-VND5E050AJ Datasheet PDF - STMicroelectronics

Part # EV-VND5E050AJ
Download  EV-VND5E050AJ Click to download

File Size   131.95 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description The current sensing and diagnostic feedback

EV-VND5E050AJ Datasheet (HTML) - STMicroelectronics


EV-VND5E050AJ Product details

Description
EV-VND5E050AJ provides you an easy way to connect ST’s surface mounted VIPower® drivers into your existing prototype circuitry. This evaluation board comes pre-assembled with VND5E050AJ-E high-side driver. The VND5E050AJ-E is a double channel highside driver manufactured using ST proprietary VIPower M0-5 technology and housed in PowerSSO-12 package. The VND5E050AJ-E is designed to drive 12V automotive grounded loads, providing protection, diagnostics and easy 3 V and 5 V CMOS-compatible interface with any microcontroller. The device integrates advanced protective functions such as load current limitation, inrush and overload active management by power limitation, overtemperature shut-off with autorestart and overvoltage active clamp. A dedicated analog current sense pin is associated with every output channel provides enhanced diagnostic functions including fast detection of overload and short-circuit to ground through power limitation indication, overtemperature indication, shortcircuit to VCC diagnosis and ON-state and OFF-state open-load detection. The current sensing and diagnostic feedback of the whole device can be disabled by pulling the CS_DIS pin high to share the external sense resistor with similar devices.

Features
■ Simple single IC application board dedicated for VND5E050AJ-E
■ Provides thermal heat-sinking for ease of use in prototyping.
■ Provides electrical connectivity for easy prototyping




Similar Part No. - EV-VND5E050AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
The current sensing and diagnostic feedback
17-Sep-2013
More results


Similar Description - EV-VND5E050AJ

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACST-01-08 ABRACON-ACST-01-08 Datasheet
282Kb / 1P
CURRENT SENSING TRANSFORMER
logo
Silicon Laboratories
AN331 SILABS-AN331 Datasheet
199Kb / 8P
COMPENSATING THE FEEDBACK LOOP FOR THE Si3400 AND Si3401
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
logo
List of Unclassifed Man...
CSR04 ETC-CSR04 Datasheet
665Kb / 1P
CURRENT SENSING RESISORS
logo
Allied Components Inter...
ACT-3722 ALLIED-ACT-3722 Datasheet
606Kb / 2P
Current Sensing Toroid
logo
Texas Instruments
LMP8601 TI1-LMP8601 Datasheet
1Mb / 42P
Current-Sensing Amplifiers
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E160J STMICROELECTRONICS-EV-VND5E160J Datasheet
134Kb / 8P
The diagnostic feedback of the whole device
17-Sep-2013
STEVAL-ILL048V1 STMICROELECTRONICS-STEVAL-ILL048V1 Datasheet
164Kb / 4P
High-side current sensing feedback
27-Jan-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com