Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL048V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL048V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL048V1
Download  STEVAL-ILL048V1 Download
File Size   164.53 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side current sensing feedback

STEVAL-ILL048V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL048V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL048V1
Download  STEVAL-ILL048V1 Click to download

File Size   164.53 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side current sensing feedback

STEVAL-ILL048V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL048V1 Product details

Description
The STEVAL-ILL048V1 demonstration board showcases ST's new LED driver chip, the ALED6001. The demonstration also includes an on-board microcontroller that permits full control of the device through a USB connection and dedicated PC GUI. The ALED6001 has been specifically designed to supply a string of medium/high current (50 -1000 mA) LEDs starting from a single low-voltage rail or a car battery. It integrates a boost controller, high-side current sensing feedback circuitry and an external dimming MOSFET controller for superior dimming performance. The boost controller regulates the output voltage adaptively, based on the requirements of the LEDs, resulting in improved overall efficiency. The maximum output voltage of the boost converter is 60 V, allowing the device to drive up to 16 white LEDs in series. The brightness of the LEDs is controlled by using both PWM modulation and analog current control (analog dimming). The device includes dedicated pins to lock synchronization with other devices for switching noise reduction in multi-device applications. The ALED6001 implements basic protection features (OVP, OCP and thermal shutdown) in addition to LED array protection (load disconnection, feedback disconnection, and LED overcurrent).

Features
■ Wide DC input voltage range: from 6 to 24 V
■ Integrated boost converter with adaptive output voltage for minimum power dissipation
■ Up to 92% boost converter efficiency
■ Single output LED driver with programmable current capability up to 350 mA
■ High-side current sensing feedback
■ External dimming MOSFET driver for superior dimming performance
■ PWM and analog LED brightness control
■ Up to 60 V output (16 white LEDs)
■ On-board STM32 microcontroller for simple device evaluation
■ USB connection for device control through dedicated PC GUI
■ RoHS compliant




Similar Part No. - STEVAL-ILL048V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL041V1 STMICROELECTRONICS-STEVAL-ILL041V1 Datasheet
304Kb / 4P
A 93% efficient LED driver solution for the US market
31-Oct-2011
STEVAL-ILL042V1 STMICROELECTRONICS-STEVAL-ILL042V1 Datasheet
200Kb / 4P
60 W high power factor flyback LED driver based on the L6562AT and TSM101
20-Mar-2012
STEVAL-ILL042V2 STMICROELECTRONICS-STEVAL-ILL042V2 Datasheet
245Kb / 4P
RoHS compliant
30-Sep-2013
STEVAL-ILL043V1 STMICROELECTRONICS-STEVAL-ILL043V1 Datasheet
129Kb / 5P
RoHS compliant
09-Jul-2012
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
Low component count
29-Jun-2012
More results


Similar Description - STEVAL-ILL048V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3312 IRF-IR3312 Datasheet
322Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3310S IRF-IR3310S Datasheet
320Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3311 IRF-IR3311 Datasheet
309Kb / 12P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
IR3312S IRF-IR3312S Datasheet
332Kb / 13P
PROGRAMMABLE CURRENT SENSING HIGH SIDE SWITCH
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E050AJ STMICROELECTRONICS-EV-VND5E050AJ Datasheet
131Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
logo
ON Semiconductor
FL7760 ONSEMI-FL7760 Datasheet
327Kb / 13P
High-Side Sensing Constant Current Buck Controller
April, 2018 ??Rev. 4
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com