Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL043V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL043V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL043V1
Download  STEVAL-ILL043V1 Download
File Size   129.87 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-ILL043V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL043V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL043V1
Download  STEVAL-ILL043V1 Click to download

File Size   129.87 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-ILL043V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL043V1 Product details

Description
The STEVAL-ILL043V1 demonstration board is a high-PF flyback configuration in order to drive a new design of the 75 W LED array based on the L6562A controller, with a much reduced BOM cost. This configuration uses an isolated feedback with an optocoupler and a secondary side reference/error amplifier. The inverse buck converter based on the L6562A is used for constant voltage and constant current control in double dimmable channels. The L6562A is a PFC controller operating in Transition mode. The highly linear multiplier includes a special circuit, able to reduce AC input current distortion, that allows wide-range-mains operation with an extremely low THD, even over a large load range. The inverse buck converter shows good performance in terms of power switch control and conditioning circuitry signal for the current sensing. In fact, this topology of converter allows easy driving of the switch referred to ground by using an L6562A driver. An integrated auxiliary power supply provides an energy saving action and a remote control monitoring function for the system. This ballast designed by using the L6562A and the buck inverse converter offers more advantages in terms of output current and voltage stability. The key benefit is the very high efficiency that, at full load, is almost 90%. STEVAL-ILL043V1

Features
■ Mains voltage range VACmin = 165Vac, VACmax = 277 Vac
■ Minimum mains frequency fl = 47 Hz
■ DC output voltage Vout = 65 V
■ Maximum output current Iout = 1.5 A
■ Maximum 2fL output ripple ΔVO% = 1.0%
■ Minimum switching frequency fswmin = 40 KHz
■ Expected efficiency: 90%
■ RoHS compliant




Similar Part No. - STEVAL-ILL043V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL041V1 STMICROELECTRONICS-STEVAL-ILL041V1 Datasheet
304Kb / 4P
A 93% efficient LED driver solution for the US market
31-Oct-2011
STEVAL-ILL042V1 STMICROELECTRONICS-STEVAL-ILL042V1 Datasheet
200Kb / 4P
60 W high power factor flyback LED driver based on the L6562AT and TSM101
20-Mar-2012
STEVAL-ILL042V2 STMICROELECTRONICS-STEVAL-ILL042V2 Datasheet
245Kb / 4P
RoHS compliant
30-Sep-2013
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
Low component count
29-Jun-2012
STEVAL-ILL045V1 STMICROELECTRONICS-STEVAL-ILL045V1 Datasheet
286Kb / 4P
Dimmable with common Triac dimmer
29-Jun-2012
More results


Similar Description - STEVAL-ILL043V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com