Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL044V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL044V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL044V1
Download  STEVAL-ILL044V1 Download
File Size   192.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low component count

STEVAL-ILL044V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL044V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL044V1
Download  STEVAL-ILL044V1 Click to download

File Size   192.03 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low component count

STEVAL-ILL044V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL044V1 Product details

Description
The STEVAL-ILL044V1 demonstration board showcases ST’s new LED driver chip, HVLED815PF. It solves the problem of low-cost drive circuitry for LED replacements for 40 W incandescent or equivalent compact-fluorescent lamps. The HVLED815PF is a new integrated power controller using primary-side control to achieve LED current regulation within +/-5%. (It also has primary-side voltage regulation, used here for open load protection). The device incorporates an 800 V avalancherated FET and fits in a standard SO-16 package. An internal startup circuit eliminates the need for external rapid-start circuitry. The PFC-flyback power converter operates in transition mode for the highest efficiency and best use of components. With the addition of a few extra components the HVLED815PF is made to draw near-sinusoidal input current from the AC line. The circuit regulates LED current over a wide range of line voltage and LED string voltage, and is dimmable with standard Triac-based dimmers.

Features
■ +/- 5% primary-side current regulation, no optocoupler
■ Fully isolated output
■ Low component count
■ Only 1 tight-tolerance component
■ High efficiency, >86%
■ High power factor >0.98
■ Low THD, < 20% over 90 V to 132 V range
■ Fits in 28 mm tubing
■ 9 W output, for light equal to range from 40 W to 60 W incandescent
■ Startup within 0.2 seconds
■ Dimmable over 90 V to 132 V voltage range
■ RoHS compliant




Similar Part No. - STEVAL-ILL044V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL041V1 STMICROELECTRONICS-STEVAL-ILL041V1 Datasheet
304Kb / 4P
A 93% efficient LED driver solution for the US market
31-Oct-2011
STEVAL-ILL042V1 STMICROELECTRONICS-STEVAL-ILL042V1 Datasheet
200Kb / 4P
60 W high power factor flyback LED driver based on the L6562AT and TSM101
20-Mar-2012
STEVAL-ILL042V2 STMICROELECTRONICS-STEVAL-ILL042V2 Datasheet
245Kb / 4P
RoHS compliant
30-Sep-2013
STEVAL-ILL043V1 STMICROELECTRONICS-STEVAL-ILL043V1 Datasheet
129Kb / 5P
RoHS compliant
09-Jul-2012
STEVAL-ILL045V1 STMICROELECTRONICS-STEVAL-ILL045V1 Datasheet
286Kb / 4P
Dimmable with common Triac dimmer
29-Jun-2012
More results


Similar Description - STEVAL-ILL044V1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
Component count summary
logo
Intersil Corporation
ISL9222A INTERSIL-ISL9222A Datasheet
129Kb / 8P
High Input Voltage Charger Low Component Count and Cost
July 28, 2008
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
WirelessUSB LP 2.4 GHz Radio SoC Low external component count
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
Lowest cost, lowest component count switcher solution
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
logo
IK Semicon Co., Ltd
IL2418 IKSEMICON-IL2418 Datasheet
276Kb / 4P
Low external component count
IL6840A IKSEMICON-IL6840A Datasheet
211Kb / 5P
Low external component count
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1712 AVAGO-ALM-1712 Datasheet
288Kb / 17P
Low external component count
ALM-1912 AVAGO-ALM-1912 Datasheet
823Kb / 17P
Low external component count
ALM-2506 AVAGO-ALM-2506 Datasheet
128Kb / 9P
Low component count
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com