Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMP20401 Datasheet (PDF) - Teledyne Technologies Incorporated

FDMP20401 Datasheet PDF - Teledyne Technologies Incorporated
Part # FDMP20401
Download  FDMP20401 Download
File Size   135.71 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 2.0 TO 10.0 GHz: INPUT 4.0 TO 20.0 GHz: OUTPUT FREQUENCY DOUBLER

FDMP20401 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMP20401 Datasheet PDF - Teledyne Technologies Incorporated

Part # FDMP20401
Download  FDMP20401 Click to download

File Size   135.71 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 2.0 TO 10.0 GHz: INPUT 4.0 TO 20.0 GHz: OUTPUT FREQUENCY DOUBLER

FDMP20401 Datasheet (HTML) - Teledyne Technologies Incorporated




Similar Part No. - FDMP20401

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FDM-02PDSR FUJIKURA-FDM-02PDSR Datasheet
201Kb / 5P
Sensing element / Differential
FDM-05PDSR FUJIKURA-FDM-05PDSR Datasheet
201Kb / 5P
Sensing element / Differential
FDM-07PDSR FUJIKURA-FDM-07PDSR Datasheet
201Kb / 5P
Sensing element / Differential
FDM-120PDSR FUJIKURA-FDM-120PDSR Datasheet
201Kb / 5P
Sensing element / Differential
FDM-15PDSR FUJIKURA-FDM-15PDSR Datasheet
201Kb / 5P
Sensing element / Differential
More results


Similar Description - FDMP20401

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC158 HITTITE-HMC158 Datasheet
167Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
HMC158C8 HITTITE-HMC158C8 Datasheet
1Mb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
logo
Mimix Broadband
12DBL0409 MIMIX-12DBL0409 Datasheet
311Kb / 6P
10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
XX1004-BD MIMIX-XX1004-BD Datasheet
227Kb / 6P
10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC158C8 HITTITE-HMC158C8_06 Datasheet
1Mb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
HMC158 HITTITE-HMC158_11 Datasheet
346Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER CHIP, 1.3 - 4.0 GHz INPUT
HMC158C8 HITTITE-HMC158C8_08 Datasheet
206Kb / 4P
GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
logo
API Technologies Corp
MR140H APITECH-MR140H Datasheet
108Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF:1.0 to 10.0 GHz
logo
Teledyne Technologies I...
ACP20015 TELEDYNE-ACP20015 Datasheet
145Kb / 2P
2.0 TO 20.0 GHz COUGARPAK AMPLIFIER
FDS6005 TELEDYNE-FDS6005 Datasheet
163Kb / 2P
0.05 TO 3.0 GHz: INPUT 0.1 to 6.0 GHz: OUTPUT SMTO-8 FREQUENCY DOUBLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com