Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMP20401 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # FDMP20401
Description  2.0 TO 10.0 GHz: INPUT 4.0 TO 20.0 GHz: OUTPUT FREQUENCY DOUBLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

FDMP20401 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  FDMP20401 Datasheet HTML 1Page - Teledyne Technologies Incorporated FDMP20401 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
-8
-9
-10
-11
-12
-13
-9
-
Conversion Loss vs Input Frequency
4
5
6
7
8
10
2
3
4
5
6
7
8
9
10
INPUT FREQUENCY - GHz
KEY: +25
°C
+ 85
°C
-55
°C
F
F
L
-8
-9
-10
-11
-12
-13
Conversion Loss vs Input Frequency
2
3
4
5
6
7
8
9
10
F
IN
at +7 d Bm
INPUT FREQUENCY - GHz
50
40
30
20
10
Fundamental Suppression vs Input Frequency 1
2
3
4
5
6
7
8
9
10
F
IN
at +10 dBm
INPUT FREQUENCY - GHz
50
40
30
20
10
Fundamental Suppression vs Input Frequency 1
2
3
4
5
6
7
8
9
10
F
IN
at +7 d Bm
INPUT FREQUENCY - GHz
3.0
2.5
2.0
1.5
1.0
Input VSWR vs Input Frequency
2
3
4
5
6
7
8
9
10
F
IN
at +10 dBm
INPUT FREQUENCY - GHz
INPUT FREQUENCY - GHz
3.0
2.5
2.0
1.5
1.0
Input VSWR vs Input Frequency
2
3
4
5
6
7
8
9
10
F
IN
at +7 d Bm
4
5
6
7
8
10
3
4
5
6
7
8
3
4
5
6
7
8
F
IN
at +10 dBm
FDMP20401
Conversion Loss vs Input Power
-9
-10
-11
-12
-13
-14
-15
INPUT POWER - dBm
1
2
3
4
6
8
10
12
14
16
18
19
20
2
4
5
6
7
8
10
3rd Harm. Suppression vs Input Freq.1
60
50
40
30
2 0
5
6
7
8
9
10
I
+
F
F
L
F
IN
at +10 dBm
-
-10
-
5
6
7
8
9
10
F
5
6
7
8
9
10
F
5
6
7
8
9
10
F
6
7
8
9
10
F
6
7
8
9
10
F
I nput Freq. a t 5.0 GHz
INPUT FREQUENCY - GHz
2
4
5
6
7
8
10
3rd Harm. Suppression vs Input Freq.1
60
50
40
30
20
F
IN
at +7 d Bm
INPUT FREQUENCY - GHz
2
3
4
5
6
7
8
5th Harm. Suppression vs Input Freq.1
70
60
50
40
30
F
IN
at +10 dBm
INPUT FREQUENCY - GHz
2
3
4
5
6
7
8
5th Harm. Suppression vs Input Freq.1
70
60
50
40
30
F
IN
at +7 d Bm
INPUT FREQUENCY - GHz
T he minimum recommended drive level is +4 dBm.
The maximum recommended drive level is +20 dBm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com