Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFCS Datasheet (PDF) - Vishay Siliconix

RFCS Datasheet PDF - Vishay Siliconix
Part # RFCS
Download  RFCS Download
File Size   88.76 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Surface Mounted RF Capacitor

RFCS Datasheet (PDF)

Go To PDF Page Download Datasheet
RFCS Datasheet PDF - Vishay Siliconix

Part # RFCS
Download  RFCS Click to download

File Size   88.76 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Surface Mounted RF Capacitor

RFCS Datasheet (HTML) - Vishay Siliconix


RFCS Product details

• Industries highest SRF
• Low DCR, high Q
• Small size: 0.040" x 0.020" x 0.015"
• S parameter files available upon request
• High frequency up to 20 GHz
• Surface mount
• Case size: 0402




Similar Part No. - RFCS

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
RFCS-6015 BK KGS-RFCS-6015 BK Datasheet
364Kb / 1P
Releasable snap-mount, flat cable clamp
RFCS-6015BK KGS-RFCS-6015BK Datasheet
364Kb / 1P
Releasable snap-mount, flat cable clamp
logo
Vishay Siliconix
RFCS VISHAY-RFCS_15 Datasheet
81Kb / 4P
Thin Film Surface Mounted RF Capacitor
27-May-13
More results


Similar Description - RFCS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CC5100J CALMIRCO-CC5100J Datasheet
76Kb / 1P
THIN FILM MNOS CAPACITOR SERIES
logo
Taiyo Yuden (U.S.A.), I...
PAS2126FR2R5504 TAIYO-YUDEN-PAS2126FR2R5504 Datasheet
65Kb / 3P
THIN FILM TYPE PAS CAPACITOR
logo
AVX Corporation
04023J0R2PBWTR AVX-04023J0R2PBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J0R3PBSTR AVX-04023J0R3PBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J0R5PBSTR AVX-04023J0R5PBSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J0R9PBWTR AVX-04023J0R9PBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J1R8ABSTR AVX-04023J1R8ABSTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
04023J2R2BBWTR AVX-04023J2R2BBWTR Datasheet
458Kb / 20P
Thin-Film RF/Microwave Capacitors
logo
Vishay Siliconix
RFCS VISHAY-RFCS_15 Datasheet
81Kb / 4P
Thin Film Surface Mounted RF Capacitor
27-May-13
logo
Kyocera Kinseki Corpota...
ACCU-P KSS-ACCU-P Datasheet
1Mb / 25P
Thin-Film RF/Microwave Capacitor Technology
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com