Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFCS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RFCS
Description  Thin Film Surface Mounted RF Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RFCS Datasheet(HTML) 2 Page - Vishay Siliconix

  RFCS Datasheet HTML 1Page - Vishay Siliconix RFCS Datasheet HTML 2Page - Vishay Siliconix RFCS Datasheet HTML 3Page - Vishay Siliconix RFCS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RFCS
www.vishay.com
Vishay Electro-Films
Revision: 05-Aug-16
2
Document Number: 61090
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF CHARACTERISTICS - typical values
CAPACITANCE
(pF)
Q
SRF
(GHz)
MAX. OPERATING
VOLTAGE
(V)
AT 1 MHz
100 MHz
1 GHz
0.2
70 500
3190
> 20
50
0.3
45 700
2050
> 20
50
0.4
33 600
1490
19.4
50
0.5
26 500
1170
18.2
50
0.6
21 800
960
17.2
50
0.7
18 500
810
16.5
50
0.8
16 000
700
15.8
50
0.9
14 100
610
15.3
50
1
12 600
540
14.9
50
1.2
10 400
450
14.1
50
1.5
8170
350
13.2
50
1.8
6720
290
12.5
50
2.2
3360
130
10.6
50
2.7
2720
100
10.4
50
3.3
2220
80
10.2
25
3.9
1870
70
10.1
25
4.7
1540
60
9.9
25
5.6
1290
50
9.8
25
6.8
1060
40
9.6
25
8.2
870
30
9.4
25
10
710
25
9.3
25
12
600
21
9.1
16
15
470
20
8.9
16
18
400
15
8.8
16
22
320
10
8.6
10
27
260
10
8.5
10
DIMENSIONS in inches (millimeters)
LENGTH
WIDTH
THICKNESS
PART
0.04
0.02
0.015 (0.5) ± 0.001
Mounting Pad C
 2.2 pF
0.014
0.006
Mounting Pad C < 2.2 pF
0.012
0.004
FOOTPRINT DIMENSIONS in inches (millimeters)
VALUE RANGE
A
B
C
0.2 to 27
0.008
0.014
0.018
C
A
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com