Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-NUCLEO-USB001 Datasheet (PDF) - STMicroelectronics

P-NUCLEO-USB001 Datasheet PDF - STMicroelectronics
Part # P-NUCLEO-USB001
Download  P-NUCLEO-USB001 Download
File Size   484.87 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description A power connector to interface with external power supply

P-NUCLEO-USB001 Datasheet (PDF)

Go To PDF Page Download Datasheet
P-NUCLEO-USB001 Datasheet PDF - STMicroelectronics

Part # P-NUCLEO-USB001
Download  P-NUCLEO-USB001 Click to download

File Size   484.87 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description A power connector to interface with external power supply

P-NUCLEO-USB001 Datasheet (HTML) - STMicroelectronics


P-NUCLEO-USB001 Product details

Description
The STM32 Nucleo pack for USB Type-C™ and Power Delivery (P-NUCLEO-USB001) is a development tool for learning and developing solutions based on USB Type-C™ and USB Power Delivery technologies. This tool, in association with the certified embedded software solution (X-CUBE-USB-PD), provides the means to control two USB Type-C™ ports using a single STM32F072 32-bit microcontroller, based on ARM® Cortex®-M0. The X-CUBE-USB-PD is compliant with the USB Type-C 1.2 and USB Power Delivery 2.0 specifications. A simple analog front-end PHY is used to interface the STM32F072 MCU with the Configuration Channels (CC lines) of the Type-C receptacles and to allow the communication over these lines using the Power Delivery communication protocol. The P-NUCLEO-USB001 is fully configurable and ready to support different configurations such as Provider, Consumer or DRP. X-CUBE-USB-PD is compliant with the USB Type-C™ 1.2 and the Power Delivery 2.0 specifications. 1. Picture is not contractual.

Features
■ Two DRP USB Type-C™ receptacles
■ USB 2.0 FS data communication interface as peripheral
■ VBUS load and discharge switches
■ VCONN switches
■ Voltage and current sensing for VBUS monitoring
■ EMI filters
■ A power connector to interface with external power supply (not supplied)




Similar Part No. - P-NUCLEO-USB001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P-NUCLEO-USB002 STMICROELECTRONICS-P-NUCLEO-USB002 Datasheet
347Kb / 5P
USB Type-C™ and Power Delivery™ Nucleo pack with NUCLEO-F072RB expansion board based on STUSB1602
09-May-2017
More results


Similar Description - P-NUCLEO-USB001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
port-powered with an optional external power supply terminal
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
PULS GmbH
SLA4.100 PULS-SLA4.100 Datasheet
237Kb / 4P
AS-Interface Power Supply
logo
PHOENIX CONTACT
2704045 PHOENIX-2704045 Datasheet
63Kb / 4P
Termination board, with FO connection and external power supply
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Pepperl+Fuchs Inc.
VAN-24DC-K28 PF-VAN-24DC-K28 Datasheet
307Kb / 3P
AS-Interface power supply
2019-08-21
VAN-G4-PE-4A PF-VAN-G4-PE-4A Datasheet
250Kb / 2P
AS-Interface power supply
2019-08-23
VAN-KE2-2PE PF-VAN-KE2-2PE Datasheet
220Kb / 2P
AS-Interface power supply
2019-08-23
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com