Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-NUCLEO-USB002 Datasheet (PDF) - STMicroelectronics

P-NUCLEO-USB002 Datasheet PDF - STMicroelectronics
Part # P-NUCLEO-USB002
Download  P-NUCLEO-USB002 Download
File Size   347.22 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-C™ and Power Delivery™ Nucleo pack with NUCLEO-F072RB expansion board based on STUSB1602

P-NUCLEO-USB002 Datasheet (PDF)

Go To PDF Page Download Datasheet
P-NUCLEO-USB002 Datasheet PDF - STMicroelectronics

Part # P-NUCLEO-USB002
Download  P-NUCLEO-USB002 Click to download

File Size   347.22 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-C™ and Power Delivery™ Nucleo pack with NUCLEO-F072RB expansion board based on STUSB1602

P-NUCLEO-USB002 Datasheet (HTML) - STMicroelectronics


P-NUCLEO-USB002 Product details

Features
 32-bit ARM® Cortex®-M0-based microcontroller STM32F072RB with 128 kB Flash and 16 kB SRAM
 Dual ports solution based on Certified USB Type-C™ port controller STUSB1602, featuring:
 Type-C FSM with attach/detach and cable orientation detection
 USB PD PHY and BMC transceiver
 High voltage (20 V) technology
 VBUS voltage monitoring
 600 mA VCONN power switch
 VBUS & VCONN discharge paths
 Dead-battery support
 22 V CC lines protection
 VBUS switch gate drivers
 Power connector to interface with external power supply (not included)
 USB 2.0 full speed data communication interface
 RoHS compliant
Specifications
 USB type-C™ cable and connector spec. (rev 1.2)
 USB Power Delivery spec. (rev 2.0)
Description
The STM32 Nucleo pack is designed for USB Type-C™ and Power Delivery specifications. Used with the embedded X-CUBE-USB-PD certified software, the P-NUCLEO-USB002 represents a development tool enabling fast prototyping of USB PD applications leveraging ready-to-use ST componentry and software.
The P-NUCLEO-USB002 kit is designed to exploit the performance of the STM32F072 32-bit microcontroller based on ARM® Cortex®-M0 and two STUSB1602 USB Type-C™ port controllers, for developing applications that manage up to two USB Type-C™ ports.
The STUSB1602 is a Type-C™ controller designed with 20-V technology that integrates a fully-featured USB type-C state machine and a USB PD PHY + BMC driver. This analog front end features: Type-C™ attach and cable orientation detection; Source / Sink / DRP power role configuration; Integrated VCONN power switch; Integrated VBUS & VCONN discharge path; High voltage protection (including CC pins); VBUS switch gate drivers.
The P-NUCLEO-USB002 is fully configurable and ready to support different power roles like provider, consumer or DRP.
The X-CUBE-USB-PD is compliant with the USB Type-C™ 1.2 and USB Power Delivery 2.0 specifications.




Similar Part No. - P-NUCLEO-USB002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P-NUCLEO-USB001 STMICROELECTRONICS-P-NUCLEO-USB001 Datasheet
484Kb / 7P
A power connector to interface with external power supply
15-Feb-2017
More results


Similar Description - P-NUCLEO-USB002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
UM1975 STMICROELECTRONICS-UM1975 Datasheet
1Mb / 20P
Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
06-Nov-2015
UM2047 STMICROELECTRONICS-UM2047 Datasheet
595Kb / 16P
X-NUCLEO-53L0A1 ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
25-May-2016
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
P-NUCLEO-53L1A1 STMICROELECTRONICS-P-NUCLEO-53L1A1 Datasheet
549Kb / 8P
VL53L1X nucleo pack with X-NUCLEO-53L1A1 expansion board and STM32F401RE nucleo board
15-Feb-2018
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-PLM01A1 STMICROELECTRONICS-X-NUCLEO-PLM01A1 Datasheet
551Kb / 6P
Power line communication expansion board based on ST7580 for STM32 Nucleo
June 2017
X-NUCLEO-SNK1M1 STMICROELECTRONICS-X-NUCLEO-SNK1M1 Datasheet
437Kb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
March 2021
X-NUCLEO-USBPDM1 STMICROELECTRONICS-X-NUCLEO-USBPDM1 Datasheet
1Mb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
April 2021
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com