Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560PADPT144S Datasheet (PDF) - STMicroelectronics

SPC560PADPT144S Datasheet PDF - STMicroelectronics
Part # SPC560PADPT144S
Download  SPC560PADPT144S Download
File Size   59.68 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description On/off power switch with LED indicators

SPC560PADPT144S Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC560PADPT144S Datasheet PDF - STMicroelectronics

Part # SPC560PADPT144S
Download  SPC560PADPT144S Click to download

File Size   59.68 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description On/off power switch with LED indicators

SPC560PADPT144S Datasheet (HTML) - STMicroelectronics


SPC560PADPT144S Product details

Description
The SPC560PADPT100S and SPC560PADPT144S are evaluation systems supporting the STMicroelectronics® SPC560Pxx family of automotive microprocessors. The complete system consists of a SPC56XXMB motherboard and a mini module which plugs directly into the motherboard. Different mini modules are available for evaluating the whole family of devices in all supported packages. The evaluation systems allow full access to the CPU, to all of the CPU’s I/O signals and to the motherboard’s peripherals (such as CAN, SCI and LIN). The mini modules itself can be used as a standalone unit when access to the I/O pins or peripherals is not needed. a. See devices datasheet for detailed information.

Features
■ SPC560Pxx modular evaluation system
■ On/off power switch with LED indicators
■ Board power supply: 12 VDC external supply voltage
■ Onboard STMicroelectronics® L9758 voltage regulator with three simultaneous output at 1.2 V, 3.3 V and 5 V
■ Possibility to configure onboard peripherals to operate at 5 V or 3.3 V logic levels, depending on target
■ Up to two CAN channels with jumper enable(a) – One CAN channel with High-Speed transceiver and DB9 male connector – One CAN channel with Low-Speed Fault Tolerant and High-Speed transceiver (selectable with jumpers) and DB9 male connector
■ Up to two LIN channels with jumper enable(a) – One channel with transceiver and pin header connector populated – One channel with footprints only
■ One SCI channel with jumper enables, transceiver and DB9 female connector
■ Up to two FlexRay channels with jumper enables(a) – One channel with transceiver and DB9 male connector – One channel with footprint only
■ Four user push buttons with jumper enable and polarity selection
■ Four user LED’s with jumper enables
■ One potentiometer for analog voltage input




Similar Part No. - SPC560PADPT144S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560PADPT144S STMICROELECTRONICS-SPC560PADPT144S Datasheet
191Kb / 4P
SPC560Pxx microcontroller family evaluation board
04-Sep-2012
More results


Similar Description - SPC560PADPT144S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Princeton Technology Co...
PT6907 PTC-PT6907 Datasheet
179Kb / 4P
Linear Dimming LED Driver with Switch On/Off
PT6907 PTC-PT6907_10 Datasheet
113Kb / 4P
Linear Dimming LED Driver with Switch On/Off
logo
SHANGHAI BELLING CO., L...
BL2557 BELLING-BL2557 Datasheet
501Kb / 2P
ON/OFF Switch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com