Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16-120UK Datasheet (PDF) - Artesyn Technologies

DA16-120UK Datasheet PDF - Artesyn Technologies
Part # DA16-120UK
Download  DA16-120UK Download
File Size   699.79 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DA16 Series 16 Watts

DA16-120UK Datasheet (PDF)

Go To PDF Page Download Datasheet
DA16-120UK Datasheet PDF - Artesyn Technologies

Part # DA16-120UK
Download  DA16-120UK Click to download

File Size   699.79 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DA16 Series 16 Watts

DA16-120UK Datasheet (HTML) - Artesyn Technologies




Similar Part No. - DA16-120UK

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DA16-120UK ASTEC-DA16-120UK Datasheet
1Mb / 2P
16 Watts
logo
Emerson Network Power
DA16-120UK EMERSON-NETWORKPOWER-DA16-120UK Datasheet
673Kb / 3P
Switching wallmount power supply
More results


Similar Description - DA16-120UK

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DA16 ASTEC-DA16 Datasheet
1Mb / 2P
16 Watts
logo
Anaren Microwave
RFP-250250-4Z50-2 ANAREN-RFP-250250-4Z50-2 Datasheet
506Kb / 2P
Surface Mount Terminations 16 Watts, 50ohm
RFP-250250-6Z50-2 ANAREN-RFP-250250-6Z50-2 Datasheet
515Kb / 2P
Surface Mount Terminations 16 Watts, 50ohm
RFP-250250N6Z50-2 ANAREN-RFP-250250N6Z50-2 Datasheet
519Kb / 2P
Aluminum Nitride Terminations 16 Watts, 50ohm
logo
Wall Industries,Inc.
LANS WALL-LANS Datasheet
148Kb / 3P
TO 1.8 WATTS 16 pin SMD
logo
Anaren Microwave
A16A50X4 ANAREN-A16A50X4 Datasheet
338Kb / 2P
Chip Termination 16 Watts, 50廓
C16B50Z1A ANAREN-C16B50Z1A Datasheet
263Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16B100Z1A ANAREN-C16B100Z1A Datasheet
232Kb / 2P
Surface Mount Termination 16 Watts, 100W
C16N50Z4A ANAREN-C16N50Z4A Datasheet
160Kb / 2P
Surface Mount Termination 16 Watts, 50W
C16N50Z4B ANAREN-C16N50Z4B Datasheet
307Kb / 2P
Surface Mount Termination 16 Watts, 50W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com