Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP010V3 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP010V3 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP010V3
Download  STEVAL-IFP010V3 Download
File Size   168.91 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Junction overtemperature protection

STEVAL-IFP010V3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP010V3 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP010V3
Download  STEVAL-IFP010V3 Click to download

File Size   168.91 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Junction overtemperature protection

STEVAL-IFP010V3 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP010V3 Product details

Description
The STEVAL-IFP010V3 demonstration board is based on the VNI2140J, a monolithic device designed using ST’s VIPower technology for driving two independent resistive or inductive loads with one side connected to ground. Active current limitation prevents a drop in system power supply if the load is shorted. A built-in thermal shutdown protects the chip from overtemperature and short-circuit conditions. During an overload condition, the channel turns off and back on automatically in order to maintain the junction temperature between TTSD and TR. If this condition causes the case temperature to reach TCSD, the overloaded channel is turned off and will restart only when the case temperature has decreased down to TCR. If more than one channel is in overload, the TCSD restart will not be simultaneous in order to prevent high peak current from the supply. Nonoverloaded channels continue to operate normally. The open-drain diagnostic outputs indicate overtemperature conditions and open load in the off-state. STEVAL-IFP010V3

Features
■ Output current: 1 A per channel
■ Shorted-load protection
■ Junction overtemperature protection
■ Case overtemperature protection for thermal independence of the channels
■ Non-simultaneous TCSD (thermal case shutdown) restart for the various channels
■ Protection against loss of ground
■ Current limitation
■ Undervoltage shutdown
■ Open load in off-state and short to VCC detection
■ Open-drain diagnostic outputs
■ 3.3 V CMOS/TTL compatible inputs
■ Fast demagnetization of inductive loads
■ Conforms to IEC 61131-2 supply voltage: +4 V to +36 V
■ RoHS compliant




Similar Part No. - STEVAL-IFP010V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
Current limitation
13-Jun-2008
More results


Similar Description - STEVAL-IFP010V3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
Overvoltage, Overtemperature, ESD -Protection
logo
Littelfuse
MHP-TAM6-9-72 LITTELFUSE-MHP-TAM6-9-72 Datasheet
557Kb / 2P
Overtemperature Protection Device
MHP-TAM6-9-77 LITTELFUSE-MHP-TAM6-9-77 Datasheet
559Kb / 2P
Overtemperature Protection Device
MHP-TAM6-9-82 LITTELFUSE-MHP-TAM6-9-82 Datasheet
561Kb / 2P
Overtemperature Protection Device
MHP-TAM6-9-85 LITTELFUSE-MHP-TAM6-9-85 Datasheet
561Kb / 2P
Overtemperature Protection Device
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
Overtemperature Protection Device
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
Overtemperature Protection Device
MHP-TAM15-9-82 LITTELFUSE-MHP-TAM15-9-82 Datasheet
561Kb / 2P
Overtemperature Protection Device
MHP-TAM15-9-85 LITTELFUSE-MHP-TAM15-9-85 Datasheet
561Kb / 2P
Overtemperature Protection Device
MHP-TAM15-9-90 LITTELFUSE-MHP-TAM15-9-90 Datasheet
562Kb / 2P
Overtemperature Protection Device
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com