Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP010V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP010V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP010V1
Download  STEVAL-IFP010V1 Download
File Size   163.65 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current limitation

STEVAL-IFP010V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP010V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP010V1
Download  STEVAL-IFP010V1 Click to download

File Size   163.65 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Current limitation

STEVAL-IFP010V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP010V1 Product details

Description
This demonstration board is based on the VNI2140J, a monolithic device designed using ST’s VIPower technology for driving two independent resistive or inductive loads with one side connected to ground. Active current limitation prevents the dropping of system power supply in case of a shorted load. Built-in thermal shutdown protects the chip from over-temperature and short-circuit. In overload condition, channel turns OFF and back ON automatically in order to maintain the junction temperature between TTSD and TR. If this condition causes case temperature to reach TCSD, the overloaded channel is turned OFF and will restart only when case temperature has decreased down to TCR. In cases where more than one channel is in overload, the TCSD restart will not be simultaneous, in order to prevent high peak current from the supply. Non overloaded channels continue to operate normally. The open drain diagnostics output indicates over-temperature. STEVAL-IFP010V1

Features
■ Output current: 1 A per channel
■ Shorted load protection
■ Junction over-temperature protection
■ Case over-temperature protection for thermal independence of the channels
■ Non-simultaneous TCSD (thermal case shutdown) restart for the various channels
■ Protection against loss of ground
■ Current limitation
■ Under-voltage shutdown
■ Open load in OFF state and short to VCC detection
■ Open drain diagnostic outputs
■ 3.3 V CMOS/TTL compatible inputs
■ Fast demagnetization of inductive loads
■ Conforms to IEC 61131-2 supply voltage: +4 V to +36 V




Similar Part No. - STEVAL-IFP010V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
Junction overtemperature protection
22-Dec-2011
More results


Similar Description - STEVAL-IFP010V1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS426L1 SIEMENS-BTS426L1 Datasheet
163Kb / 13P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection)
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS650P SIEMENS-BTS650P Datasheet
187Kb / 16P
Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
Current limitation reactor
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833_10 Datasheet
719Kb / 27P
Built-in 5V/3.3V Voltage Regulator with Current Limitation
U2010B ATMEL-U2010B_10 Datasheet
1Mb / 18P
Programmable Load-current Limitation with Over- and High-load Output
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
Load current limitation
17-Oct-2016
STEVAL-ISF003V1 STMICROELECTRONICS-STEVAL-ISF003V1 Datasheet
325Kb / 6P
Low standby losses power front-end with inrush current-limitation
16-Jun-2016
L7987 STMICROELECTRONICS-L7987 Datasheet
2Mb / 37P
Adjustable current limitation
04-Mar-2015
L7987L STMICROELECTRONICS-L7987L Datasheet
2Mb / 41P
Adjustable current limitation
12-Jan-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com