Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987 Datasheet (PDF) - STMicroelectronics

L7987 Datasheet PDF - STMicroelectronics
Part # L7987
Download  L7987 Download
File Size   2400.3 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adjustable current limitation

L7987 Datasheet (PDF)

Go To PDF Page Download Datasheet
L7987 Datasheet PDF - STMicroelectronics

Part # L7987
Download  L7987 Click to download

File Size   2400.3 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adjustable current limitation

L7987 Datasheet (HTML) - STMicroelectronics


L7987 Product details

Description
The L7987 device is a step-down monolithic switching regulator able to deliver up to 3 A DC. The output voltage adjustability ranges from 0.8 V to VIN. The wide input voltage range and the 100% duty cycle capability meet the fail safe specifications for industrial systems. The embedded switchover feature on the VBIAS pin maximizes the efficiency at light load. The adjustable current limitation, designed to select the inductor RMS current accordingly with the nominal output current, and the high switching frequency capability make the size of the application compact. Pulse-by-pulse current sensing with digital frequency foldback implements an effective constant current protection over the different application conditions. The peak current foldback decreases the stress of the power components in heavy short-circuit condition. The PGOOD open collector output can also implement output voltage sequencing during the power-up phase. Multiple devices can be synchronized sharing the SYNCH pin to prevent beating noise in low noise applications like sensors with A/D conversion. HTSSOP16 (RTH = 40 °C/W)




Similar Part No. - L7987

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7987L STMICROELECTRONICS-L7987L Datasheet
2Mb / 41P
Adjustable current limitation
12-Jan-2016
More results


Similar Description - L7987

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44066T0100E400 EPCOS-B44066T0100E400 Datasheet
48Kb / 4P
Current limitation reactor
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833_10 Datasheet
719Kb / 27P
Built-in 5V/3.3V Voltage Regulator with Current Limitation
U2010B ATMEL-U2010B_10 Datasheet
1Mb / 18P
Programmable Load-current Limitation with Over- and High-load Output
logo
STMicroelectronics
EV-VN7004CLH STMICROELECTRONICS-EV-VN7004CLH Datasheet
300Kb / 8P
Load current limitation
17-Oct-2016
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
Current limitation
13-Jun-2008
STEVAL-ISF003V1 STMICROELECTRONICS-STEVAL-ISF003V1 Datasheet
325Kb / 6P
Low standby losses power front-end with inrush current-limitation
16-Jun-2016
L7987L STMICROELECTRONICS-L7987L Datasheet
2Mb / 41P
Adjustable current limitation
12-Jan-2016
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
STMicroelectronics
A7987 STMICROELECTRONICS-A7987 Datasheet
2Mb / 36P
61 V, 3 A asynchronous step-down switching regulator with adjustable current limitation for automotive
22-Sep-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com