Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFS015V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IFS015V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFS015V1
Download  STEVAL-IFS015V1 Download
File Size   259.46 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Manual or programmable control of nodes from the station

STEVAL-IFS015V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFS015V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFS015V1
Download  STEVAL-IFS015V1 Click to download

File Size   259.46 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Manual or programmable control of nodes from the station

STEVAL-IFS015V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IFS015V1 Product details

Description
The system, called smart monitoring station, is a handheld device which works as the hub for low data rate wireless network based on ZigBee® protocol to which all the nodes (smart monitoring nodes - STEVAL-IFS015V1) are connected. This system measures the temperature, humidity and light intensity and gathers information of various sensors (temperature, humidity, light intensity and MEMS) from nodes placed at different locations. It can also configure the alarm thresholds for the parameters of all the connected nodes, as well as for itself. Lights (or any other AC load) connected to nodes may be controlled through the smart monitoring station with addition of a few components and its status is available on the smart monitoring station display. The system has a user interface with the graphic menu, color TFT display (240 x 320) and touchscreen. Data logging and analysis of logged data can be done using the GUI developed for this system. This demonstration board can be powered up using 3.7 V Li-ion battery. Alternatively it can work with USB power without battery. When the battery is mounted, the same USB charges the battery and operates the system. STEVAL-IFS014V1

Features
■ Low data rate wireless (ZigBee®) implementation
■ Displays multiple sensor parameters for itself and also the other wireless nodes associated to it in star network
■ MEMS, temperature, resistive, humidity, light intensity sensors
■ Manual or programmable control of nodes from the station
■ TFT display with touchscreen menu navigation
■ GUI for logged data reading, saving and analysis using graphs
■ Rechargeable Li-ion battery. Operation possible without battery also using mini-USB to power up the system




Similar Part No. - STEVAL-IFS015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFS017V3 STMICROELECTRONICS-STEVAL-IFS017V3 Datasheet
83Kb / 4P
Temperature sensor daughter card based on the STTS751-1DP3F in UDFN package
28-Feb-2012
STEVAL-IFS017V4 STMICROELECTRONICS-STEVAL-IFS017V4 Datasheet
86Kb / 4P
Temperature sensor daughter card based on STTS751-0WB3F in SOT package
28-Feb-2012
STEVAL-IFS017V5 STMICROELECTRONICS-STEVAL-IFS017V5 Datasheet
84Kb / 4P
Temperature sensor daughter card based on the STTS751-1WB3F in SOT package
28-Feb-2012
STEVAL-IFS017V6 STMICROELECTRONICS-STEVAL-IFS017V6 Datasheet
404Kb / 4P
Temperature sensor daughter card based on the STTS2002B2DN3F in TDFN8 package
28-Feb-2012
More results


Similar Description - STEVAL-IFS015V1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS-95 GAMEWELL-FCI-MS-95 Datasheet
104Kb / 2P
Analog addressable manual pull station
MS95-SS GAMEWELL-FCI-MS95-SS Datasheet
126Kb / 2P
Addressable Manual Pull Station with SmartScan
logo
National Instruments Co...
WSN-3202 NI-WSN-3202 Datasheet
1Mb / 11P
Wireless Sensor Network Programmable Analog Input Measurement Nodes
logo
STMicroelectronics
UM0289 STMICROELECTRONICS-UM0289 Datasheet
1Mb / 29P
This user manual describes the features of the eMotion Kit
30-Nov-2006
UM0581 STMICROELECTRONICS-UM0581 Datasheet
1Mb / 26P
This user manual explains the operation of demonstration
21-Apr-2009
logo
Tyco Electronics
411-18339 MACOM-411-18339 Datasheet
2Mb / 11P
The operating manual must be constantly within reach of the tool.
412-18745 MACOM-412-18745 Datasheet
1Mb / 26P
The operating manual must be constantly within reach of the tool.
logo
List of Unclassifed Man...
1SNK506150R0000 ETC2-1SNK506150R0000 Datasheet
96Kb / 5P
Secured snap on or remove from the rail
logo
Multi-Tech Systems, Inc...
86002198 MULTITECH-86002198 Datasheet
730Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
86002217 MULTITECH-86002217 Datasheet
720Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com