Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFS015V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFS015V1
Description  Manual or programmable control of nodes from the station
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFS015V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFS015V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFS015V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFS015V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFS015V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFS015V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IFS015V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IFS015V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IFS015V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2009
Doc ID 15581 Rev 1
1/8
8
STEVAL-IFS015V1
Smart monitoring node based on the STM32F103xx
and LIS331DLH
Features
■ Low data rate wireless (ZigBee®)
implementation
■ Displays multiple sensor parameters for itself
and also the other wireless nodes associated
to it in star network
■ MEMS, temperature, resistive, humidity, light
intensity sensors
■ Manual or programmable control of nodes from
the station
■ TFT display with touchscreen menu navigation
■ GUI for logged data reading, saving and
analysis using graphs
■ Rechargeable Li-ion battery. Operation
possible without battery also using mini-USB to
power up the system
Description
The system, called smart monitoring station, is a
handheld device which works as the hub for low
data rate wireless network based on ZigBee®
protocol to which all the nodes (smart monitoring
nodes - STEVAL-IFS015V1) are connected. This
system measures the temperature, humidity and
light intensity and gathers information of various
sensors (temperature, humidity, light intensity and
MEMS) from nodes placed at different locations. It
can also configure the alarm thresholds for the
parameters of all the connected nodes, as well as
for itself. Lights (or any other AC load) connected
to nodes may be controlled through the smart
monitoring station with addition of a few
components and its status is available on the
smart monitoring station display.
The system has a user interface with the graphic
menu, color TFT display (240 x 320) and
touchscreen. Data logging and analysis of logged
data can be done using the GUI developed for this
system.
This demonstration board can be powered up
using 3.7 V Li-ion battery. Alternatively it can work
with USB power without battery. When the battery
is mounted, the same USB charges the battery
and operates the system.
STEVAL-IFS014V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IFS015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFS017V3 STMICROELECTRONICS-STEVAL-IFS017V3 Datasheet
83Kb / 4P
Temperature sensor daughter card based on the STTS751-1DP3F in UDFN package
28-Feb-2012
STEVAL-IFS017V4 STMICROELECTRONICS-STEVAL-IFS017V4 Datasheet
86Kb / 4P
Temperature sensor daughter card based on STTS751-0WB3F in SOT package
28-Feb-2012
STEVAL-IFS017V5 STMICROELECTRONICS-STEVAL-IFS017V5 Datasheet
84Kb / 4P
Temperature sensor daughter card based on the STTS751-1WB3F in SOT package
28-Feb-2012
STEVAL-IFS017V6 STMICROELECTRONICS-STEVAL-IFS017V6 Datasheet
404Kb / 4P
Temperature sensor daughter card based on the STTS2002B2DN3F in TDFN8 package
28-Feb-2012
More results

Similar Description - STEVAL-IFS015V1

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MS-95 GAMEWELL-FCI-MS-95 Datasheet
104Kb / 2P
Analog addressable manual pull station
MS95-SS GAMEWELL-FCI-MS95-SS Datasheet
126Kb / 2P
Addressable Manual Pull Station with SmartScan
logo
National Instruments Co...
WSN-3202 NI-WSN-3202 Datasheet
1Mb / 11P
Wireless Sensor Network Programmable Analog Input Measurement Nodes
logo
STMicroelectronics
UM0289 STMICROELECTRONICS-UM0289 Datasheet
1Mb / 29P
This user manual describes the features of the eMotion Kit
30-Nov-2006
UM0581 STMICROELECTRONICS-UM0581 Datasheet
1Mb / 26P
This user manual explains the operation of demonstration
21-Apr-2009
logo
Tyco Electronics
411-18339 MACOM-411-18339 Datasheet
2Mb / 11P
The operating manual must be constantly within reach of the tool.
412-18745 MACOM-412-18745 Datasheet
1Mb / 26P
The operating manual must be constantly within reach of the tool.
logo
List of Unclassifed Man...
1SNK506150R0000 ETC2-1SNK506150R0000 Datasheet
96Kb / 5P
Secured snap on or remove from the rail
logo
Multi-Tech Systems, Inc...
86002198 MULTITECH-86002198 Datasheet
730Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
86002217 MULTITECH-86002217 Datasheet
720Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com