Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHM028V2 Datasheet (PDF) - STMicroelectronics

STEVAL-IHM028V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHM028V2
Download  STEVAL-IHM028V2 Download
File Size   353.92 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hall sensor or encoder input

STEVAL-IHM028V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHM028V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHM028V2
Download  STEVAL-IHM028V2 Click to download

File Size   353.92 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Hall sensor or encoder input

STEVAL-IHM028V2 Datasheet (HTML) - STMicroelectronics


STEVAL-IHM028V2 Product details

Description
The goal of the STEVAL-IHM028V2 product evaluation board is to present a universal, fully tested and populated design consisting of a 3phase inverter bridge based on the 600 V, 17 A intelligent power module STGIPS20C60. The IPM itself consists of short-circuit rugged IGBTs with negative temperature co-efficiency. It also contains a wide range of auxiliary functions like undervoltage lockout and smart shutdown. Thanks to these advanced characteristics, the system has been specifically designed to achieve accurate and fast conditioning of the current feedback, matching the typical requirements for field oriented control (FOC). This board can be used to evaluate a wide range of applications such as HVAC (air conditioners), power white goods and high-end single-phase power tools.

Features
■ Complete solution for a 2 kW power inverter
■ HV supply mode: voltage 90 VAC to 285 VAC or direct DC line 125 V DC to 400 V DC
■ Input voltage range extended to +400 V, for PFC compliance
■ Input inrush limiter with bypassing relay
■ Brake feature with overvoltage comparator
■ Single- or three-shunt resistor current sensing method
■ Hall sensor or encoder input
■ Tachometer input
■ Overtemperature and overcurrent hardware protection
■ Active fan with automatic overtemperature switching
■ Compact and safe design
■ Universal conception for further evaluation with bread board and testing pins
■ RoHS compliant




Similar Part No. - STEVAL-IHM028V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM028V1 STMICROELECTRONICS-STEVAL-IHM028V1 Datasheet
236Kb / 9P
Hall sensor or encoder input feature
23-Feb-2011
More results


Similar Description - STEVAL-IHM028V2

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
Position Sensor with Absolute or Incremental Encoder
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
ANGULAR HALL SENSOR / ENCODER
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
HALL Position Sensor / Encoder
logo
STMicroelectronics
STEVAL-IHM028V1 STMICROELECTRONICS-STEVAL-IHM028V1 Datasheet
236Kb / 9P
Hall sensor or encoder input feature
23-Feb-2011
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
8-BIT ANGULAR HALL SENSOR / ENCODER
logo
Standex Electronics, In...
A47-HS1-5KP21 STANDEX-A47-HS1-5KP21 Datasheet
598Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CAA
A47-HS1-P5P21 STANDEX-A47-HS1-P5P21 Datasheet
550Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev DAA
M12-HS1-5KCB2 STANDEX-M12-HS1-5KCB2 Datasheet
572Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CCA
S38-HS1-5KP21 STANDEX-S38-HS1-5KP21 Datasheet
604Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CBA
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com