Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHM028V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHM028V2
Description  Hall sensor or encoder input
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM028V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM028V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 7Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 8Page - STMicroelectronics STEVAL-IHM028V2 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For further information contact your local STMicroelectronics sales office.
July 2014
DocID026729 Rev 1
1/9
STEVAL-IHM028V2
2 kW 3-phase motor control evaluation board featuring the
STGIPS20C60 IGBT intelligent power module
Data brief
Features
• Complete solution for a 2 kW power inverter
• HV supply mode: voltage 90 VAC to 285 VAC
or direct DC line 125 V DC to 400 V DC
• Input voltage range extended to +400 V, for
PFC compliance
• Input inrush limiter with bypassing relay
• Brake feature with overvoltage comparator
• Single- or three-shunt resistor current sensing
method
• Hall sensor or encoder input
• Tachometer input
• Overtemperature and overcurrent hardware
protection
• Active fan with automatic overtemperature
switching
• Compact and safe design
• Universal conception for further evaluation with
bread board and testing pins
• RoHS compliant
Description
The goal of the STEVAL-IHM028V2 product
evaluation board is to present a universal, fully
tested and populated design consisting of a 3-
phase inverter bridge based on the 600 V, 17 A
intelligent power module STGIPS20C60. The IPM
itself consists of short-circuit rugged IGBTs with
negative temperature co-efficiency. It also
contains a wide range of auxiliary functions like
undervoltage lockout and smart shutdown.
Thanks to these advanced characteristics, the
system has been specifically designed to achieve
accurate and fast conditioning of the current
feedback, matching the typical requirements for
field oriented control (FOC).
This board can be used to evaluate a wide range
of applications such as HVAC (air conditioners),
power white goods and high-end single-phase
power tools.
www.st.com


Similar Part No. - STEVAL-IHM028V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM028V1 STMICROELECTRONICS-STEVAL-IHM028V1 Datasheet
236Kb / 9P
Hall sensor or encoder input feature
23-Feb-2011
More results

Similar Description - STEVAL-IHM028V2

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
Position Sensor with Absolute or Incremental Encoder
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
ANGULAR HALL SENSOR / ENCODER
IC-ML ICHAUS-IC-ML Datasheet
337Kb / 17P
HALL Position Sensor / Encoder
logo
STMicroelectronics
STEVAL-IHM028V1 STMICROELECTRONICS-STEVAL-IHM028V1 Datasheet
236Kb / 9P
Hall sensor or encoder input feature
23-Feb-2011
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
8-BIT ANGULAR HALL SENSOR / ENCODER
logo
Standex Electronics, In...
A47-HS1-5KP21 STANDEX-A47-HS1-5KP21 Datasheet
598Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CAA
A47-HS1-P5P21 STANDEX-A47-HS1-P5P21 Datasheet
550Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev DAA
M12-HS1-5KCB2 STANDEX-M12-HS1-5KCB2 Datasheet
572Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CCA
S38-HS1-5KP21 STANDEX-S38-HS1-5KP21 Datasheet
604Kb / 3P
Hall or Magneto Resistive Switch Sensor
Rev CBA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com