Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IHT001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHT001V1
Download  STEVAL-IHT001V1 Download
File Size   116.55 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Thermostat control demonstration board for refrigerators, based on the ST7Lite39

STEVAL-IHT001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHT001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHT001V1
Download  STEVAL-IHT001V1 Click to download

File Size   116.55 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Thermostat control demonstration board for refrigerators, based on the ST7Lite39

STEVAL-IHT001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IHT001V1 Product details

Description
The STEVAL-IHT001V1demonstration board is a complete reference system for a simple costeffective PFC (power factor corrector) using bipolar transistors and is intended for low-tomedium power HF ballasts. The proposed bipolar PFC solution targets the low-cost HF ballast market up to 80 W as it provides a simple cost-effective solution without sacrificing THD and PF levels. No additional ICs are required for the PWM signal as the device uses just a power bipolar transistor and a closedloop feedback which performs the duty cycle modulation and output power regulation. The active PFC solution with bipolar transistor adopts the boost topology operating in discontinuous-conduction mode. STEVAL-IHT001V1

Features
■ Power supply: 220 Vac
■ Power output: 36 W
■ Boost topology
■ Discontinuous-conduction mode
■ RoHS compliant




Similar Part No. - STEVAL-IHT001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V2 STMICROELECTRONICS-STEVAL-IHT001V2 Datasheet
147Kb / 7P
Cold thermostat kit based on AC switches and the STM8S
October 2012 Rev 3
More results


Similar Description - STEVAL-IHT001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
Capacitive touch demonstration board based on the STMPE321
03-Jun-2011
STEVAL-CCM001V2 STMICROELECTRONICS-STEVAL-CCM001V2 Datasheet
189Kb / 7P
Graphic panel demonstration board based on the STM32
03-Mar-2010
STEVAL-CLP001V1 STMICROELECTRONICS-STEVAL-CLP001V1 Datasheet
81Kb / 4P
Demonstration board for PMOLED display power supply based on the STOD2540
04-Jun-2008
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN4199 STMICROELECTRONICS-AN4199 Datasheet
2Mb / 23P
Two-layer demonstration board based on the STA333IS
01-Jul-2013
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com