Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT001V2 Datasheet (PDF) - STMicroelectronics

STEVAL-IHT001V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHT001V2
Download  STEVAL-IHT001V2 Download
File Size   147.87 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Cold thermostat kit based on AC switches and the STM8S

STEVAL-IHT001V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHT001V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHT001V2
Download  STEVAL-IHT001V2 Click to download

File Size   147.87 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Cold thermostat kit based on AC switches and the STM8S

STEVAL-IHT001V2 Datasheet (HTML) - STMicroelectronics


STEVAL-IHT001V2 Product details

Description
The STEVAL-IHT001V2 thermostat kit provides a robust and low-cost ST solution (microcontroller and AC switches) to control refrigerators, freezers or fridge/freezer combinations. Basic, defrost, and air circulation versions are configurable in order to address the low-end and medium-end cooling appliances market. It allows the control of a single-phase induction motor and a light bulb, and optionally, a defrost resistor and a fan, working on 220/240 VRMS, 50/60 Hz mains voltage. The thermostat kit is operational with 100/120 V RMS 50/60 Hz but the supply capacitor value must be modified. The board can operate in an ambient temperature range from 0 °C to 60 °C. The exact maximum temperature depends on the power of the loads. For demonstrative purposes a graphic user interface (GUI) has been developed. The connection between the PC and STM8S microcontroller, the MCU performing thermostat regulation, is achieved through a USB bus. As the STM8S is a low-cost MCU without an embedded USB peripheral, an additional MCU (STM32) has been used as a bridge between the PC and STM8S MCU, for demonstrative purposes only.

Features
■ Low-cost solution for spark-free thermostats: – No need for a sealed version – Low-cost STM8S microcontroller for thermostat control – Low-cost capacitive power supply
■ High efficiency: – Refrigerator consumption reduction by adjusting and reducing the hysteresis threshold of the temperature – Improved efficiency by turning on the defrost resistor only when it's useful and not at each OFF cycle of the compressor (as done in some mechanical thermostats)
■ High system immunity: – Overvoltage protected ACS switches: ACST610-8FP for compressor control, ACS110-7SN for defrost resistor and ACS102-6TA for light bulb and fan – Class A criteria for IEC 61000-4-4 up to above 3 kV levels
■ Flexibility: – Development: program setting with PC interface to change firmware variables – Industrialization: end-of-production MCU programming thanks to FLASH, for soft upgrade and efficient MCU stock management
■ RoHS compliant




Similar Part No. - STEVAL-IHT001V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
More results


Similar Description - STEVAL-IHT001V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ICB003V1 STMICROELECTRONICS-STEVAL-ICB003V1 Datasheet
207Kb / 5P
Smart touchpanel interface based on the STMPE1208S, STLED316S and STM8S
13-Jul-2009
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
Touch-sensing software library demonstration board based on the STM8S
18-Nov-2010
STEVAL-MKI114V1 STMICROELECTRONICS-STEVAL-MKI114V1 Datasheet
107Kb / 4P
Magnetic field probe kit based on the LSM303DLHC
12-Jul-2012
STEVAL-IHT007V1 STMICROELECTRONICS-STEVAL-IHT007V1 Datasheet
199Kb / 4P
Extension board with ACS switches for STM8S Discovery Kit
16-Dec-2011
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
Front panel demonstration board based on the STLED325 and STM8S
23-Jun-2010
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
UM0277 STMICROELECTRONICS-UM0277 Datasheet
1Mb / 32P
Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
28-Aug-2006
UM1542 STMICROELECTRONICS-UM1542 Datasheet
2Mb / 43P
Cold thermostat kit based on AC switches and the STM8S003F3
10-Sep-2012
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com