Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT005V2 Datasheet (PDF) - STMicroelectronics

STEVAL-IHT005V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-IHT005V2
Download  STEVAL-IHT005V2 Download
File Size   403.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Relay to demonstrate board noise robustness

STEVAL-IHT005V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IHT005V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-IHT005V2
Download  STEVAL-IHT005V2 Click to download

File Size   403.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Relay to demonstrate board noise robustness

STEVAL-IHT005V2 Datasheet (HTML) - STMicroelectronics


STEVAL-IHT005V2 Product details

Description
The STEVAL-IHT005V2 is designed as a complete solution proposal for home appliance applications based on STMicroelectronics™ components. Special emphasis is placed on demonstration of a robust full 3.3 V solution, based on 4 kV level in class A during an IEC61000-4-4 (burst) test. The board also allows designers to evaluate the feasibility of AC switch control with a 3.3 V supply. Gate currents can be measured and compared to the information given in application note AN2986. STEVAL-IHT005V2 is based on the recently-introduced 48-pin, 32-bit STM32F100C4T6B MCU running at 24 MHz (RC user-trimmable internal RC clock), featuring 16 kBytes of Flash memory, 12-bit A/D converter, 5 timers, communication interfaces, and 4 kBytes of SRAM. The power supply circuitry is based on the VIPer16L, an offline converter with an 800 V avalanche-rugged power section, operating at 60 kHz. The power supply provides negative 6 V in buck-boost topology. The STEVAL-IHT005V2 can control 2 high power loads up to 2830 W thanks to the T1635H, a 16 A, 600 V high temperature Triac and up to 2050 W using the ACST1635-8FP, a 16 A, 800 V high temperature overvoltage-protected ACST device. The high power load control is based on phase-angle control. To limit inrush current and possible current peaks, the board features a soft-start routine and a smooth power change function for the high power loads. The STEVAL-IHT005V2 can also control 4 low power loads up to 100 W thanks to 3 ACS108-8S, 0.8 A, 800 V overvoltage-protected ACS devices and a Z0109, 1 A standard 4 quadrant 600 V Triac.

Features
■ Complete solution for -3.3 V control
■ Input voltage range: 90-265 VAC 50/60 Hz
■ Negative 6 V/3.3 VDC aux power supply based on the VIPer16L in buck-boost topology
■ Total power consumption in standby mode lower than 0.5 W for 264 V/50 Hz
■ 48-pin, 32-bit value line family STM32F100C4T6B MCU as main controller
■ Zero voltage switching (ZVS) interrupt to synchronize MCU events with voltage mains
■ 1 x T1635H-6T and 1 x ACST1635-8FP for phase control of high power loads
■ 5 discrete power level states with soft change for phase-angle controlled devices
■ 1 x Z0109 and 3 x ACS108 for full wave control of low power loads
■ Relay to demonstrate board noise robustness
■ Red LED to indicate board mains supply
■ Green LED for each ACS/ACST/Triac to indicate device on/off status
■ JTAG programming connector
■ External wire loop for gate current measurement
■ I2C bus hardware/software ready
■ IEC 61000-4-4 pre-compliance test passed (burst up to 8 kV)
■ IEC 61000-4-5 pre-compliance test passed (surge up to 2 kV)
■ RoHS compliant




Similar Part No. - STEVAL-IHT005V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT005V1 STMICROELECTRONICS-STEVAL-IHT005V1 Datasheet
128Kb / 4P
3.3 V control of ACS/Triac with STM32
15-Dec-2010
More results


Similar Description - STEVAL-IHT005V2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
The following sections will demonstrate how to achieve
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
Excellent receiver sensitivity and robustness to interference
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
ZXGD3101EV2 DIODES-ZXGD3101EV2 Datasheet
302Kb / 8P
The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
DECEMBER 2009
logo
Infineon Technologies A...
FD800R45KL3-K_B5 INFINEON-FD800R45KL3-K_B5_15 Datasheet
611Kb / 12P
High Dynamic Robustness
2015-09-14 revision:3.0
logo
Powerbox
DP500IP POWERBOX-DP500IP Datasheet
246Kb / 2P
Very high transient robustness
logo
Analog Devices
ADUM150N AD-ADUM150N Datasheet
536Kb / 22P
High robustness to radiated and conducted noise
Rev. 0
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
Reliability and robustness
logo
Maxim Integrated Produc...
MAX25512EVKIT MAXIM-MAX25512EVKIT Datasheet
859Kb / 16P
Demonstrates Robustness of MAX25512
Rev 0; 5/21
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com