Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT005V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHT005V2
Description  Relay to demonstrate board noise robustness
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT005V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHT005V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT005V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT005V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT005V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 2013
DocID025092 Rev 1
1/4
www.st.com
STEVAL-IHT005V2
Demonstration board with full 3.3 V ACS/Triac control using the
STM32F100
Data brief
Features
•
Complete solution for -3.3 V control
•
Input voltage range: 90-265 VAC 50/60 Hz
•
Negative 6 V/3.3 VDC aux power supply
based on the VIPer16L in buck-boost
topology
•
Total power consumption in standby mode
lower than 0.5 W for 264 V/50 Hz
•
48-pin, 32-bit value line family
STM32F100C4T6B MCU as main controller
•
Zero voltage switching (ZVS) interrupt to
synchronize MCU events with voltage mains
•
1 x T1635H-6T and 1 x ACST1635-8FP for
phase control of high power loads
•
5 discrete power level states with soft
change for phase-angle controlled devices
•
1 x Z0109 and 3 x ACS108 for full wave
control of low power loads
•
Relay to demonstrate board noise
robustness
•
Red LED to indicate board mains supply
•
Green LED for each ACS/ACST/Triac to
indicate device on/off status
•
JTAG programming connector
•
External wire loop for gate current
measurement
•
I
2C bus hardware/software ready
•
IEC 61000-4-4 pre-compliance test passed
(burst up to 8 kV)
•
IEC 61000-4-5 pre-compliance test passed
(surge up to 2 kV)
•
RoHS compliant
Description
The STEVAL-IHT005V2 is designed as a
complete solution proposal for home appliance
applications based on STMicroelectronics™
components. Special emphasis is placed on
demonstration of a robust full 3.3 V solution,
based on 4 kV level in class A during an IEC-
61000-4-4 (burst) test. The board also allows
designers to evaluate the feasibility of AC switch
control with a 3.3 V supply. Gate currents can be
measured and compared to the information given
in application note AN2986. STEVAL-IHT005V2
is based on the recently-introduced 48-pin, 32-bit
STM32F100C4T6B MCU running at 24 MHz (RC
user-trimmable internal RC clock), featuring 16
kBytes of Flash memory, 12-bit A/D converter, 5
timers, communication interfaces, and 4 kBytes
of SRAM. The power supply circuitry is based on
the VIPer16L, an offline converter with an 800 V
avalanche-rugged power section, operating at 60
kHz. The power supply provides negative 6 V in
buck-boost topology. The STEVAL-IHT005V2
can control 2 high power loads up to 2830 W
thanks to the T1635H, a 16 A, 600 V high
temperature Triac and up to 2050 W using the
ACST1635-8FP, a 16 A, 800 V high temperature
overvoltage-protected ACST device. The high
power load control is based on phase-angle
control. To limit inrush current and possible
current peaks, the board features a soft-start
routine and a smooth power change function for
the high power loads. The STEVAL-IHT005V2
can also control 4 low power loads up to 100 W
thanks to 3 ACS108-8S, 0.8 A, 800 V
overvoltage-protected ACS devices and a Z0109,
1 A standard 4 quadrant 600 V Triac.


Similar Part No. - STEVAL-IHT005V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT005V1 STMICROELECTRONICS-STEVAL-IHT005V1 Datasheet
128Kb / 4P
3.3 V control of ACS/Triac with STM32
15-Dec-2010
More results

Similar Description - STEVAL-IHT005V2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
The following sections will demonstrate how to achieve
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
Excellent receiver sensitivity and robustness to interference
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
ZXGD3101EV2 DIODES-ZXGD3101EV2 Datasheet
302Kb / 8P
The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
DECEMBER 2009
logo
Infineon Technologies A...
FD800R45KL3-K_B5 INFINEON-FD800R45KL3-K_B5_15 Datasheet
611Kb / 12P
High Dynamic Robustness
2015-09-14 revision:3.0
logo
Powerbox
DP500IP POWERBOX-DP500IP Datasheet
246Kb / 2P
Very high transient robustness
logo
Analog Devices
ADUM150N AD-ADUM150N Datasheet
536Kb / 22P
High robustness to radiated and conducted noise
Rev. 0
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
Reliability and robustness
logo
Maxim Integrated Produc...
MAX25512EVKIT MAXIM-MAX25512EVKIT Datasheet
859Kb / 16P
Demonstrates Robustness of MAX25512
Rev 0; 5/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com