Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL2730 Datasheet (PDF) - List of Unclassifed Manufacturers

ICPL2730 Datasheet PDF - List of Unclassifed Manufacturers
Part # ICPL2730
Download  ICPL2730 Download
File Size   73.45 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT

ICPL2730 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICPL2730 Datasheet PDF - List of Unclassifed Manufacturers

Part # ICPL2730
Download  ICPL2730 Click to download

File Size   73.45 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT

ICPL2730 Datasheet (HTML) - List of Unclassifed Manufacturers


ICPL2730 Product details

[Isocom]



DESCRIPTION

These dual channel diode-darlington optocouplers use a pair of light emitting diodes and an integrated high gain photon detectors to provide 2500Volts RMS electrical isolation between input and output. Seperate connection for the photodiode bias and output darlington collector improve the speed up to a hundred times that of a conventional photo darlington coupler by reducing the base-collector capacitance.

FEATURES

• High speed - DC to 200kBits/s operation

• High Common Mode Transient

  Immunity 10kV/µs typical

• TTL Compatible - 0.1V VOL typical

• Low Input Current Requirement - 0.5mA

• High Current Transfer Ratio - 2000% typ.

• Open Collector Output

• 2500VRMS Withstand Test Voltage, 1 min

• ICPL2731 has improved noise shield which gives superior common mode rejection

• Options :-

   10mm lead spread - add G after part no.

   Surface mount - add SM after part no.

   Tape&reel - add SMT&R after part no.

• All electrical parameters 100% tested

• Custom electrical selections available



APPLICATIONS

• Line receivers

• Digital logic ground isolation

• Telephone ring detector

• Current loop receiver



 




Similar Part No. - ICPL2730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2531 ETC-ICPL2531 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2533 ETC-ICPL2533 Datasheet
66Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
ICPL2630 ETC-ICPL2630 Datasheet
68Kb / 4P
DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
More results


Similar Description - ICPL2730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2533 ETC-ICPL2533 Datasheet
66Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCA2230X ETC1-MCA2230X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
H11B1X ISOCOM-H11B1X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230X ISOCOM-MCA230X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29_08 Datasheet
93Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA2230 ISOCOM-MCA2230_10 Datasheet
842Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com