Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA068V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA068V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA068V1
Download  STEVAL-ISA068V1 Download
File Size   342.72 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A DC output current

STEVAL-ISA068V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA068V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA068V1
Download  STEVAL-ISA068V1 Click to download

File Size   342.72 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A DC output current

STEVAL-ISA068V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA068V1 Product details

Description
The STEVAL-ISA068V1 is based on the ST1S32, an internally compensated 1.5 MHz fixedfrequency PWM synchronous step-down regulator. This device operates from 2.8 V to 5.5 V input, while it regulates an output voltage as low as 0.8 V and up to Vin. The peak current mode control with internal compensation delivers a very compact solution with a minimum component count.

Features
■ 4 A DC output current
■ 2.8 V to 5.5 V input voltage
■ Output voltage adjustable from 0.8 V
■ 1.5 MHz switching frequency
■ Internal soft-start and enable
■ Integrated 60 mΩ and 45 mΩ power MOSFETs
■ All ceramic capacitor
■ Power Good (POR)
■ Cycle-by-cycle current limiting
■ Current foldback short-circuit protection
■ RoHS compliant




Similar Part No. - STEVAL-ISA068V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
Power save mode at light load
December 2011 Rev 1
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
More results


Similar Description - STEVAL-ISA068V1

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
6 A output current rating
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
10 A output current rating
logo
Vincotech
20-1B06IPB004RC-P952A40 VINCOTECH-20-1B06IPB004RC-P952A40 Datasheet
2Mb / 30P
Sense output of DC-current
20-1B06IPB006RC01-P953A45 VINCOTECH-20-1B06IPB006RC01-P953A45 Datasheet
1Mb / 8P
Sense output of DC-current
logo
Texas Instruments
PT5810 TI1-PT5810_14 Datasheet
212Kb / 11P
20 A Output Current
PT6460 TI1-PT6460_14 Datasheet
214Kb / 12P
14 A Output Current
PT6510 TI1-PT6510_08 Datasheet
227Kb / 11P
8-A Rated Output Current
PT6715 TI1-PT6715_14 Datasheet
228Kb / 9P
13-A Output Current
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
3 A DC output current
09-May-2014
logo
Renesas Technology Corp
SLG59M1714V RENESAS-SLG59M1714V Datasheet
725Kb / 21P
A Reverse-current Blocking, 15 mΩ, 4 A Load Switch with Analog Current Monitor Output
2-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com