Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA063V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA063V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA063V2
Download  STEVAL-ISA063V2 Download
File Size   82.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power save mode at light load

STEVAL-ISA063V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA063V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA063V2
Download  STEVAL-ISA063V2 Click to download

File Size   82.69 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power save mode at light load

STEVAL-ISA063V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA063V2 Product details

Description
The STEVAL-ISA063V2 demonstration board implements a typical buck-boost DC-DC converter based on STMicroelectronics’ STBB1APUR high efficiency single inductor dual mode buck-boost DC-DC converter. The device is fixed frequency and capable of providing output voltages ranging from 1.2 V to 5.5 V and input voltages from 2.0 V to 5.5 V. The STBB1-APUR can operate with input voltages higher than, equal to, or lower than the output voltage, rendering the product suitable for single lithium-ion (Li-Ion), multicell alkaline or NiMH applications where the output voltage is within the battery voltage range. The integrated low-RDSon N-channel and Pchannel MOSFET switches contribute to its high efficiency. STEVAL-ISA063V2

Features
■ Buck-boost DC-DC converter
■ Operating input voltage range: 2.0 V to 5.5 V
■ 2% DC feedback voltage tolerance
■ Synchronous rectification
■ Shutdown function
■ 1.5 MHz switching frequency
■ Power save mode at light load
■ Typical efficiency: > 94%
■ 1 A output current capability
■ Shutdown current: < 1 µA
■ RoHS compliant




Similar Part No. - STEVAL-ISA063V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
4 A DC output current
06-Jun-2012
More results


Similar Description - STEVAL-ISA063V2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
Light Load High Efficiency
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
Light Load High Efficiency
logo
BetLux Electronics
TLL-E12S-061 BETLUX-TLL-E12S-061 Datasheet
40Kb / 1P
Save-Lamp
REV NO: V. 1
logo
Rohm
BD99010EFV-M ROHM-BD99010EFV-M Datasheet
1Mb / 31P
Simple Light Load Mode
logo
Semtech Corporation
SC171 SEMTECH-SC171_16 Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
logo
STMicroelectronics
STOD1317B STMICROELECTRONICS-STOD1317B Datasheet
907Kb / 22P
Very high efficiency at light load thanks to pulse skipping operation
11-Apr-2013
logo
Champion Microelectroni...
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
ACE Technology Co., LTD...
ACE757P ACE-ACE757P Datasheet
221Kb / 3P
1A Light Load Mode Buck Regulator with Integrated Inductor
VER 1.2
logo
Infineon Technologies A...
BGA9H1BN6 INFINEON-BGA9H1BN6 Datasheet
646Kb / 12P
Highband High Performance LNA with Power-Save-Mode
Revision 2.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com