Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA078V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA078V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA078V1
Download  STEVAL-ISA078V1 Download
File Size   1098.44 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Extremely low quiescent current

STEVAL-ISA078V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA078V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA078V1
Download  STEVAL-ISA078V1 Click to download

File Size   1098.44 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Extremely low quiescent current

STEVAL-ISA078V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA078V1 Product details

Description
The STEVAL-ISA078V1 demonstration board is a high efficiency monolithic synchronous step-down regulator capable of delivering up to 800 mA of continuous output current and of regulating the output voltage from 0.6 V up to VIN thanks to the 100% duty cycle operation capability. The input voltage ranges from 2 V to 5.5 V. The control loop architecture is based on a constant frequency peak current mode, while high efficiency at light loads is achieved by a low consumption functionality. The very low quiescent current (25 µA) and shutdown current (0.2 µA) means that the device is very suitable for supplying battery-powered equipment like PDAs, hand-held terminals, DSCs (digital still cameras) and cellular phones. The switching frequency is internally set at 600 kHz, but the device can be externally synchronized up to 1.4 MHz. An internal reference voltage of 0.6 V (typ.) allows the device to regulate a minimum output voltage of the same low value. The low MOSFET RDS(on) ensures high efficiency at high output current. Additional beneficial features are: hysteretic UVLO, OVP, constant current short-circuit protection, Power Good and thermal shutdown. The MSOP8 package allows significant space savings on the board.

Features
■ 2 V to 5.5 V battery input range
■ High efficiency: up to 95%
■ Extremely low quiescent current
■ 1 µA max. shutdown supply current
■ 800 mA max. output current
■ Adjustable output voltage from 0.6 V
■ Low dropout operation: up to 100% duty cycle
■ ± 1% output voltage accuracy
■ 600 MHz switching frequency externally synchronizable up to 1.4 MHz
■ Short-circuit protection
■ RoHS compliant




Similar Part No. - STEVAL-ISA078V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA070V1 STMICROELECTRONICS-STEVAL-ISA070V1 Datasheet
300Kb / 4P
3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in SO-8 package
11-Apr-2012
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISA075V1 STMICROELECTRONICS-STEVAL-ISA075V1 Datasheet
228Kb / 4P
RoHS compliant
15-Jan-2014
STEVAL-ISA076V1 STMICROELECTRONICS-STEVAL-ISA076V1 Datasheet
85Kb / 4P
Both linear and quasi-pulse operation
03-May-2011
STEVAL-ISA076V2 STMICROELECTRONICS-STEVAL-ISA076V2 Datasheet
94Kb / 4P
USB compatible battery charger demo board with integrated power switch for Li-Ion/Li-Polymer based on the L6924U
25-Feb-2011
More results


Similar Description - STEVAL-ISA078V1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
Low quiescent current
logo
STMicroelectronics
STEVAL-ISA079V1 STMICROELECTRONICS-STEVAL-ISA079V1 Datasheet
271Kb / 4P
Extremely low quiescent current
15-Mar-2012
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com