Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA079V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA079V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA079V1
Download  STEVAL-ISA079V1 Download
File Size   271.6 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Extremely low quiescent current

STEVAL-ISA079V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA079V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA079V1
Download  STEVAL-ISA079V1 Click to download

File Size   271.6 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Extremely low quiescent current

STEVAL-ISA079V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA079V1 Product details

Description
The STEVAL-ISA079V1 demonstration board is based on the DC-DC monolithic regulator L6928D, specifically designed to provide extremely high efficiency. The L6928D supply voltage can be as low as 2 V, allowing it to be used in single Li-Ion cell supplied applications. Output voltage can be selected by an external divider down to 0.6 V. Duty cycle can saturate to 100%, allowing low dropout operation. The previous part number for this demonstration board was EVAL6928D.

Features
■ 2 V to 5.5 V battery input range
■ High efficiency: up to 95%
■ Extremely low quiescent current
■ 1 µA max. shutdown supply current
■ 800 mA max. output current
■ Adjustable output voltage from 0.6 V
■ Low dropout operation: up to 100% duty cycle
■ ± 1% output voltage accuracy
■ 1.4 MHz switching frequency externally synchronizable from 1 MHz to 2 MHz
■ Short-circuit protection
■ RoHS compliant




Similar Part No. - STEVAL-ISA079V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA079V2 STMICROELECTRONICS-STEVAL-ISA079V2 Datasheet
106Kb / 4P
High-efficiency monolithic synchronous step-down regulator based on the L6928
06-Oct-2011
More results


Similar Description - STEVAL-ISA079V1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
Low quiescent current
logo
STMicroelectronics
STEVAL-ISA078V1 STMICROELECTRONICS-STEVAL-ISA078V1 Datasheet
1Mb / 4P
Extremely low quiescent current
20-Mar-2012
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com