Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA093V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA093V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA093V1
Download  STEVAL-ISA093V1 Download
File Size   104.4 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching power supply demonstration board

STEVAL-ISA093V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA093V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA093V1
Download  STEVAL-ISA093V1 Click to download

File Size   104.4 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 A step-down switching power supply demonstration board

STEVAL-ISA093V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA093V1 Product details

Description
The STEVAL-ISA093V1 is a step-down switching power supply based on STMicroelectronics’ L7981 switching regulator in a QFN package. The L7981 features an embedded power MOSFET and is capable of delivering up to 3 A of current to the load, depending on the application conditions. The input voltage can range from 4.5 V to 28 V, while the output voltage can be set from 0.6 V to VIN. Requiring a minimum number of external components, the device includes an internal 250 kHz switching frequency oscillator that can be externally adjusted up to 1 MHz. STEVAL-ISA093V1

Features
■ 3 A DC output current
■ 4.5 V to 28 V input voltage
■ Output voltage adjustable from 0.6 V
■ 250 kHz switching frequency, programmable up to 1 MHz
■ Internal soft-start and enable
■ Low dropout operation: 100% duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Overcurrent and thermal protection
■ RoHS compliant




Similar Part No. - STEVAL-ISA093V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
2 A step-down switching power supply demonstration board based on the L7980 (QFN)
23-Dec-2011
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA094V1 STMICROELECTRONICS-STEVAL-ISA094V1 Datasheet
86Kb / 4P
3 A step-down switching power supply demonstration board based on the L7981 (HSOP8)
23-Dec-2011
STEVAL-ISA095V1 STMICROELECTRONICS-STEVAL-ISA095V1 Datasheet
87Kb / 4P
Up to 3 A step-down switching regulator based on the ST1S14
23-Dec-2011
More results


Similar Description - STEVAL-ISA093V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
2 A step-down switching power supply demonstration board based on the L7980 (QFN)
23-Dec-2011
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA094V1 STMICROELECTRONICS-STEVAL-ISA094V1 Datasheet
86Kb / 4P
3 A step-down switching power supply demonstration board based on the L7981 (HSOP8)
23-Dec-2011
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA099V1 STMICROELECTRONICS-STEVAL-ISA099V1 Datasheet
296Kb / 4P
3 A step-down switching demonstration board based on the L7986 in DFN10 package
27-Apr-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com