Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL064V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL064V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL064V1
Download  STEVAL-ILL064V1 Download
File Size   188.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BB- boost topology

STEVAL-ILL064V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL064V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL064V1
Download  STEVAL-ILL064V1 Click to download

File Size   188.71 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BB- boost topology

STEVAL-ILL064V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL064V1 Product details

Description
The STEVAL-ILL064V1 is a product evaluation board based on the LED5000, an 850 kHz fixed switching frequency monolithic step-down DC-DC converter designed to operate as a precise constant current source with an adjustable current capability up to 3 A DC. The embedded PWM dimming circuitry features LED brightness control. The regulated output current level is set by connecting a sensing resistor to the feedback pin. The 200 mV typical RSENSE voltage drop enhances performance in terms of efficiency. The size of the overall application is minimized thanks to the high switching frequency and its compatibility with ceramic output capacitors. The device is fully protected against overheating, overcurrent and output short-circuit. August 2014 DocID026228 Rev 1 1/4 For further information contact your local STMicroelectronics sales office

Features
■ 5.5 V to 48 V operating input voltage range
■ 850 kHz fixed switching frequency
■ 200 mV typ. current sense voltage drop
■ BB- boost topology
■ PWM dimming
■ ±3% output current accuracy over temperature
■ 200 mOhm typical RDSON
■ Peak current mode architecture
■ Short-circuit protection
■ Compliant with ceramic output capacitors
■ Inhibit for zero current consumption




Similar Part No. - STEVAL-ILL064V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
High brightness LED array driver with diagnostics for automotive
08-May-2014
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
STEVAL-ILL062V1 STMICROELECTRONICS-STEVAL-ILL062V1 Datasheet
207Kb / 5P
32 white LEDs
07-Aug-2014
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ILL065V1 STMICROELECTRONICS-STEVAL-ILL065V1 Datasheet
162Kb / 4P
Peak current mode architecture
25-Aug-2014
More results


Similar Description - STEVAL-ILL064V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU001-BB ETC1-CPU001-BB Datasheet
86Kb / 5P
CPU001-BB
logo
IXYS Corporation
FMD40-06KC IXYS-FMD40-06KC Datasheet
50Kb / 2P
HiPerFET Power MOSFETs -Boost Chopper Topology in ISOPLUS i4-PAC
logo
SIPAT Co,Ltd
SP446 SIPAT-SP446 Datasheet
37Kb / 1P
BB Filters
logo
ELAN Microelectronics C...
EM77950 EMC-EM77950 Datasheet
926Kb / 102P
BB Controller
logo
SIPAT Co,Ltd
SP446 SIPAT-SP446 Datasheet
38Kb / 1P
BB Filters
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
STMicroelectronics
STEVAL-ILL079V1 STMICROELECTRONICS-STEVAL-ILL079V1 Datasheet
235Kb / 4P
Negative buck-boost topology
04-Mar-2016
logo
IXYS Corporation
IXA20RG1200DHGLB IXYS-IXA20RG1200DHGLB Datasheet
179Kb / 7P
ISOPLUS Surface Mount Power Device Boost Topology XPT IGBT
IXA30RG1200DHGLB IXYS-IXA30RG1200DHGLB Datasheet
173Kb / 7P
ISOPLUS Surface Mount Power Device Boost Topology XPT IGBT
IXA40RG1200DHGLB IXYS-IXA40RG1200DHGLB Datasheet
171Kb / 7P
ISOPLUS Surface Mount Power Device Boost Topology XPT IGBT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com