Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL065V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL065V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL065V1
Download  STEVAL-ILL065V1 Download
File Size   162.67 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Peak current mode architecture

STEVAL-ILL065V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL065V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL065V1
Download  STEVAL-ILL065V1 Click to download

File Size   162.67 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Peak current mode architecture

STEVAL-ILL065V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL065V1 Product details

Description
The STEVAL-ILL065V1 is a product evaluation board based on the LED5000, an 850 kHz fixed switching frequency monolithic step-down DC-DC converter designed to operate as a precise constant current source with an adjustable current capability up to 3 A DC. The embedded PWM dimming circuitry features LED brightness control. The regulated output current level is set by connecting a sensing resistor to the feedback pin. The 200 mV typical RSENSE voltage drop enhances performance in terms of efficiency. The size of the overall application is minimized thanks to the high switching frequency and its compatibility with ceramic output capacitors. The device is fully protected against overheating, overcurrent and output short-circuit. August 2014 DocID026229 Rev 1 1/4 For further information contact your local STMicroelectronics sales office

Features
■ 5.5 V to 48 V operating input voltage range
■ 850 kHz fixed switching frequency
■ 200 mV typ. current sense voltage drop
■ BB+ boost topology
■ PWM dimming
■ ±3% output current accuracy over temperature
■ 200 mOhm typical RDSON
■ Peak current mode architecture
■ Short-circuit protection
■ Compliant with ceramic output capacitors
■ Inhibit for zero current consumption




Similar Part No. - STEVAL-ILL065V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL060V1 STMICROELECTRONICS-STEVAL-ILL060V1 Datasheet
407Kb / 7P
High brightness LED array driver with diagnostics for automotive
08-May-2014
STEVAL-ILL061V1 STMICROELECTRONICS-STEVAL-ILL061V1 Datasheet
159Kb / 7P
High brightness 4x4 RGB LED matrix
15-Oct-2013
STEVAL-ILL062V1 STMICROELECTRONICS-STEVAL-ILL062V1 Datasheet
207Kb / 5P
32 white LEDs
07-Aug-2014
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ILL064V1 STMICROELECTRONICS-STEVAL-ILL064V1 Datasheet
188Kb / 4P
BB- boost topology
04-Aug-2014
More results


Similar Description - STEVAL-ILL065V1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20701NP RENESAS-R2J20701NP Datasheet
223Kb / 28P
Peak Current Mode Synchronous Buck Controller with Power MOSFETs
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
High peak-output current: 9A Peak (typ.)
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595 Datasheet
2Mb / 29P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 0; 1/12
MAX17595 MAXIM-MAX17595_13 Datasheet
1Mb / 23P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 2; 6/13
MAX17595ATE MAXIM-MAX17595ATE Datasheet
1Mb / 22P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
Rev 4; 5/15
logo
STMicroelectronics
STEVAL-ILL056V1 STMICROELECTRONICS-STEVAL-ILL056V1 Datasheet
114Kb / 4P
Peak current mode architecture
15-Nov-2013
logo
Monolithic Power System...
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
Peak Current Mode PWM Controller Flyback EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
Peak Current Mode PWM Controller Boost EV Board
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com