Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL066V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL066V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL066V1
Download  STEVAL-ILL066V1 Download
File Size   245.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adjustable LED current and dimming

STEVAL-ILL066V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL066V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL066V1
Download  STEVAL-ILL066V1 Click to download

File Size   245.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adjustable LED current and dimming

STEVAL-ILL066V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL066V1 Product details

Description
The STEVAL-ILL066V1 evaluation board is a complete and configurable solution that efficiently controls a single dimmable high brightness LED string using the STLUX385A digital controller. The LED efficiency is high during all stages of dimming and the STEVAL-ILL066V1 can achieve a 92% efficiency during full load while maintaining a low < 200 mW power consumption during idle periods. The STLUX385A device handles a primary side regulated power conversion stage as well as all the supported communication links. The power conversion stage consists of a PFC regulator followed by a “Zero Voltage Switching” (ZVS) LC resonant stage. The high precision dimming is adjusted using a primary side regulation (PSR) control technique. The LED brightness can be dimmed by controlling the LED current down to a very low level. The STEVAL-ILL066V1 evaluation board provides all the physical communication interfaces such as a DALI, insulated 0-10 and UART. All the communication is managed by the STLUX385A device. The UART interface and STLUX385A flexibility allow to quickly connect the STEVAL-ILL066V1 to alternative interfaces such as Wi-Fi, power line modems, Bluetooth® and Zigbee®. (Previous part number was STEVAL385LEDPSR).

Features
■ STLUX385A based
■ High efficiency (92%)
■ Primary side controlled
■ Up to 100 W (100 V at 1 A or 200 V at 0.5 A)
■ Single isolated output suitable for LED connection.
■ Wide input voltage range: 90 V to 265 V AC
■ Adjustable LED current and dimming
■ Output resolution: 11-bit equivalent.
■ IDLE mode power consumption: < 200 mW
■ Real-time fault detection and protection (e. g.: short- or open circuit)
■ Remote control via DALI, 0 - 10 V, UART
■ RoHS compliant




Similar Part No. - STEVAL-ILL066V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL066V2 STMICROELECTRONICS-STEVAL-ILL066V2 Datasheet
683Kb / 12P
100 W LED street lighting evaluation board using the STLUX385A digital controller
Rev 1 - March 2018
More results


Similar Description - STEVAL-ILL066V1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
logo
National Semiconductor ...
LM3402 NSC-LM3402_1 Datasheet
691Kb / 18P
LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
logo
STMicroelectronics
STEVAL385LED4CH STMICROELECTRONICS-STEVAL385LED4CH Datasheet
504Kb / 10P
Adjustable LED current and dimming
May 2014 Rev 2
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
PWM dimming LED constant current driver chip
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com