Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL385LED4CH Datasheet (PDF) - STMicroelectronics

STEVAL385LED4CH Datasheet PDF - STMicroelectronics
Part # STEVAL385LED4CH
Download  STEVAL385LED4CH Download
File Size   504.76 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adjustable LED current and dimming

STEVAL385LED4CH Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL385LED4CH Datasheet PDF - STMicroelectronics

Part # STEVAL385LED4CH
Download  STEVAL385LED4CH Click to download

File Size   504.76 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Adjustable LED current and dimming

STEVAL385LED4CH Datasheet (HTML) - STMicroelectronics


STEVAL385LED4CH Product details

Description
The STEVAL385LED4CH demonstration board is a complete and configurable solution to manage four independent high-brightness LED channels using the STLUX385A digital controller. The STLUX385A is a part of the STMicroelectronics® STLUX™ product family and embeds advanced peripherals tailored to generate high resolution PWM signals (SMED). The STEVAL385LED4CH device implements inversed buck topology to drive each LED channel. The SMED technology integrated in the STLUX385A device regulates the LED current, exploiting the fixed-off-time (FOT) principle. Each channel can output current in the range of 250 mA to 1 A. The number of LEDs, the current and the PWM dimming working point can be set through the command interpreter, accessible via the serial interface. Dimming can also be manually adjusted via the three on-board buttons. The demonstration board can be optionally controlled via a DALI interface. The DALI connection board is available separately (part number STEVAL-ILM001V1). The STLUX385A DALI software drivers and application firmware are available. This demonstration board is available also with an




Similar Part No. - STEVAL385LED4CH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-2STPD01 STMICROELECTRONICS-STEVAL-2STPD01 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
STEVAL-3DP001V1 STMICROELECTRONICS-STEVAL-3DP001V1 Datasheet
482Kb / 11P
Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
02-May-2017
STEVAL-56G3MAI STMICROELECTRONICS-STEVAL-56G3MAI Datasheet
804Kb / 5P
VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor
17-Jun-2024
STEVAL-66GYMAI STMICROELECTRONICS-STEVAL-66GYMAI Datasheet
805Kb / 5P
VD66GY S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD66GY image sensor
17-Jun-2024
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
More results


Similar Description - STEVAL385LED4CH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
logo
National Semiconductor ...
LM3402 NSC-LM3402_1 Datasheet
691Kb / 18P
LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
logo
STMicroelectronics
STEVAL-ILL066V1 STMICROELECTRONICS-STEVAL-ILL066V1 Datasheet
245Kb / 12P
Adjustable LED current and dimming
03-Dec-2014
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
PWM dimming LED constant current driver chip
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com