Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL385LED4CH Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEVAL385LED4CH
Description  Adjustable LED current and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL385LED4CH Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEVAL385LED4CH Datasheet HTML 2Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 3Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 4Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 5Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 6Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 7Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 8Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 9Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Bill of material
STEVAL385LED4CH
8/10
DocID024374 Rev 2
Figure 5. STEVAL385LED4CH - layout (top layer)
63
2
R64, R66
10 K
RESC-0805
64
1
R65
2.7 K
RESC-0805
65
2
R71, R74
100 K
RESC-0603
Not mounted
66
1
U1
STMLUX38
TSSOP38
67
2
U2, U3
PM8834
SOI8
68
5
U4, U5, U6, U7, U10
LMV321ILT
SOT23-5L
Not mounted
69
1
U8
ST1S14
SO8-EP-9
70
1
U9
LK112M33TR
SOT23-5L
71
1
X1
16 MHz - N.M.
X32-3_2x2_5-MEC
Not mounted
Table 2. STEVAL385LED4CH - bill of material (continued)
Item Qty.
Reference
Part value
Decal
Note
AM13712V1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com