Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL385LED4CH Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL385LED4CH
Description  Adjustable LED current and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL385LED4CH Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL385LED4CH Datasheet HTML 1Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 2Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 3Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 4Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 5Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 6Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 7Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 8Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID024374 Rev 2
1/10
STEVAL385LED4CH
200 W, digital 4-LED channels demonstration board with
STLUX385A-controlled current regulation and dimming
Data brief
Features
 Based on the STLUX385A digital controller
 Up to 200 W
 4 LED channels
 Adjustable LED current and dimming
 Adaptive voltage compensation
 Real-time fault detection and protection
(e.g: short or open circuit)
 Serial interface
 DALI (optional)
Description
The STEVAL385LED4CH demonstration board is
a complete and configurable solution to manage
four independent high-brightness LED channels
using the STLUX385A digital controller. The
STLUX385A is a part of the STMicroelectronics®
STLUX™ product family and embeds advanced
peripherals tailored to generate high resolution
PWM signals (SMED).
The STEVAL385LED4CH device implements
inversed buck topology to drive each LED
channel. The SMED technology integrated in the
STLUX385A device regulates the LED current,
exploiting the fixed-off-time (FOT) principle. Each
channel can output current in the range of
250 mA to 1 A.
The number of LEDs, the current and the PWM
dimming working point can be set through the
command interpreter, accessible via the serial
interface. Dimming can also be manually adjusted
via the three on-board buttons.
The demonstration board can be optionally
controlled via a DALI interface. The DALI
connection board is available separately (part
number STEVAL-ILM001V1). The STLUX385A
DALI software drivers and application firmware
are available.
This demonstration board is available also with an
order code STEVAL-ILL057V1.
www.st.com


Similar Part No. - STEVAL385LED4CH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-2STPD01 STMICROELECTRONICS-STEVAL-2STPD01 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
STEVAL-3DP001V1 STMICROELECTRONICS-STEVAL-3DP001V1 Datasheet
482Kb / 11P
Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
02-May-2017
STEVAL-56G3MAI STMICROELECTRONICS-STEVAL-56G3MAI Datasheet
804Kb / 5P
VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor
17-Jun-2024
STEVAL-66GYMAI STMICROELECTRONICS-STEVAL-66GYMAI Datasheet
805Kb / 5P
VD66GY S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD66GY image sensor
17-Jun-2024
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
More results

Similar Description - STEVAL385LED4CH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
logo
National Semiconductor ...
LM3402 NSC-LM3402_1 Datasheet
691Kb / 18P
LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
logo
STMicroelectronics
STEVAL-ILL066V1 STMICROELECTRONICS-STEVAL-ILL066V1 Datasheet
245Kb / 12P
Adjustable LED current and dimming
03-Dec-2014
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
PWM dimming LED constant current driver chip
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com