Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL385LED4CH Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL385LED4CH
Description  Adjustable LED current and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL385LED4CH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEVAL385LED4CH Datasheet HTML 2Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 3Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 4Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 5Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 6Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 7Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 8Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 9Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Bill of material
STEVAL385LED4CH
6/10
DocID024374 Rev 2
2
Bill of material
Table 2. STEVAL385LED4CH - bill of material
Item Qty.
Reference
Part value
Decal
Note
1
2
C1, C4
1 µF
CAPC-0603
10 V
2
4
C2, C8, C43, C45
10 nF
CAPC-0603
38
C3, C19, C20, C31, C32, C40, C44,
C46
100 nF
CAPC-0603
4
2
C5, C6
12 pF - N. M.
CAPC-0603
Not mounted
5
1
C7
4.7 nF
CAPC-0603
6
4
C9, C11, C21, C23
10 nF
CAPC-1206
100 V
7
4
C10, C12, C22, C24
1 µF
CAPC-1206
100 V
8
4
C13, C14, C25, C26
1 nF
CAPC-0603
98
C15, C16, C17, C18, C27, C28,
C29, C30
10 nF
CAPC-0603
10
6
C33, C38, C42, C47, C48, C49
100 nF
CAPC-0603
25 V
11
2
C34, C37
100 nF
CAPC-1206
100 V
12
1
C35
150 pF
CAPC-0805
25 V
13
1
C36
22 µF
D250P100
100 V
14
1
C39
150 µF
CAPC-7343
16 V
15
1
C41
10 µF
V-3216
10 V
16
1
C50
47 µF
CAP-AXP1000D400
100 V
17
1
D1
FAULT
LEDC-0603
18
1
D2
RUN
LEDC-0603
19
4
D3, D4, D9, D10
STPS2H100A
SMA
20
4
D5, D6, D11, D12
STPS0560Z
SOD123
21
4
D7, D8, D13, D14
LL4148
SOD80-st
22
1
D15
BZV85-C51V
DO41
51 V, 1.3 W
23
1
D16
STPS3L60U
SMB
24
1
J1
SWIM I/F
4PIN-P254
25
1
J2
DALI I/F
PIN2X6P254
26
1
J3
UART I/F - TTL
3PIN-P254
27
1
J4
UART I/F
JACK-3_5-
35RASMT2BHNTRX
28
1
J5
CH2
MOR-2POLI-WAGO-250-402
29
1
J6
CH0
MOR-2POLI-WAGO-250-402
30
1
J7
CH3
MOR-2POLI-WAGO-250-402



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com