Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL385LED4CH Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL385LED4CH
Description  Adjustable LED current and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL385LED4CH Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL385LED4CH Datasheet HTML 1Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 2Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 3Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 4Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 5Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 6Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 7Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 8Page - STMicroelectronics STEVAL385LED4CH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Board description
STEVAL385LED4CH
2/10
DocID024374 Rev 2
1
Board description
Figure 1. Jumper and connector location
Table 1. Connector pinout
Name
Function
Power IN (J9)
Input power connection. Range: 12 - 48 V.
DALI
DALI connector.
Compatible with STEVAL-ILM001V1 demonstration board.
UART
Serial link.
Connector: jack mono 3.5 mm
The UART cable is provided with the demonstration board.
SWIM
SWIM interface.
CH0 (J6)
LED string connector, channel 0.
CH1 (J8)
LED string connector, channel 1.
CH2 (J5)
LED string connector, channel 2.
CH3 (J7)
LED string connector, channel 3.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com