Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ILL088V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ILL088V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ILL088V1
Download  STEVAL-ILL088V1 Download
File Size   275.45 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital dimming

STEVAL-ILL088V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ILL088V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ILL088V1
Download  STEVAL-ILL088V1 Click to download

File Size   275.45 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Digital dimming

STEVAL-ILL088V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ILL088V1 Product details

Description
The STEVAL-ILL088V1 evaluation board is based on a monolithic current source for high power LED driving, the LED6000, a 61 V asynchronous switching regulator. With embedded power MOSFET, it is designed to source up to 3 A DC current depending on the application conditions. The 250 mV typical RSENSE voltage drop, the VBIAS pin embedded switch-over feature and the light load management (pulse skipping) maximize power conversion efficiency across the entire load range. Digital dimming is implemented by driving the dedicated DIM pin. The current limit threshold and the switching frequency are adjustable for application optimization. The device also includes a 250 kHz oscillator that can be externally adjusted up to 1.5 MHz. The size of the overall application is minimized thanks to the high switching frequency and its compatibility with ceramic output capacitors. Two LED6000 regulators can be synchronized in a 180° out-of-phase configuration to reduce the total input RMS current.




Similar Part No. - STEVAL-ILL088V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL084V1 STMICROELECTRONICS-STEVAL-ILL084V1 Datasheet
227Kb / 4P
Digital dimming
25-Jan-2016
STEVAL-ILL089V1 STMICROELECTRONICS-STEVAL-ILL089V1 Datasheet
902Kb / 4P
1 A buck LED driver board based on the ALED6000 automotive-grade dimmable LED driver
Rev 1 - November 2019
More results


Similar Description - STEVAL-ILL088V1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
Digital Dimming CCFL Controller IC
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
White LED Driver with Digital Dimming
logo
Microsemi Corporation
LX1686E MICROSEMI-LX1686E Datasheet
143Kb / 8P
Digital Dimming CCFL Controller IC
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
Digital Dimming CCFL Inverter Module
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
White LED Driver with Digital Dimming
logo
STMicroelectronics
STEVAL-ILL084V1 STMICROELECTRONICS-STEVAL-ILL084V1 Datasheet
227Kb / 4P
Digital dimming
25-Jan-2016
logo
Inventronics Inc.
EUM-880SXXXMX INVENTRONICS-EUM-880SXXXMX Datasheet
1Mb / 21P
880W Programmable with INV Digital Dimming
Rev.A
SSM-1K0SXXXMGS INVENTRONICS-SSM-1K0SXXXMGS Datasheet
950Kb / 17P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMX INVENTRONICS-SSM-1K0SXXXMX Datasheet
1,005Kb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.C
SSM-760SXXXMGR INVENTRONICS-SSM-760SXXXMGR Datasheet
984Kb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com