Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IPE014V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IPE014V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IPE014V1
Download  STEVAL-IPE014V1 Download
File Size   126.05 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Isolation of current channel

STEVAL-IPE014V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPE014V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IPE014V1
Download  STEVAL-IPE014V1 Click to download

File Size   126.05 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Isolation of current channel

STEVAL-IPE014V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IPE014V1 Product details

Description
The STEVAL-IPE014V1 is a daughterboard based on the STPMS2 "smart sensor" device, and is designed for use with the STPMC1-based STEVAL-IPE010V2 motherboard. Together the system provides a complete, ready-to-use energy meter application. When connected to the motherboard, each STEVAL-IPE014V1 daughterboard serves a single phase, converting and multiplexing the voltage and current information and sending the stream to the STPMC1 energy calculator IC. November 2014 DocID022154 Rev 2 1/4 For further information contact your local STMicroelectronics sales office

Features
■ Modular and programmable
■ Supports: − 3-phase, 4-wire RSTN, 4-system RSTN (tamper); extra module required − 3-phase, 4-wire RSTN, 3-system RST − 3-phase, 3-wire RST_, 3-system RST_(tamper) − 3-phase, 3-wire RST_, 2-system R_T_(Aron) − 2-phase, 3-wire _STN, 2-system _ST_(America) − 1-phase, 2-wire _TN, 2-system _ST_(tamper) − 1-phase, 2-wire _TN, 1-system _T_
■ 4 LED indicators to display: − Power − No load condition − Tamper detection − Reverse current direction
■ Embedded capacitive power supply
■ Isolation of current channel
■ RoHS compliant




Similar Part No. - STEVAL-IPE014V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE015V1 STMICROELECTRONICS-STEVAL-IPE015V1 Datasheet
180Kb / 4P
Single-phase energy metering demonstration board with two current transformers based on the STPM10
22-Dec-2011
STEVAL-IPE016V1 STMICROELECTRONICS-STEVAL-IPE016V1 Datasheet
167Kb / 4P
Capacitive power supply
22-Dec-2011
More results


Similar Description - STEVAL-IPE014V1

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
Input to Output Isolation of 1500VDC
logo
Allegro MicroSystems
ACS717 ALLEGRO-ACS717 Datasheet
854Kb / 14P
High Isolation, Linear Current Sensor IC
ACS718 ALLEGRO-ACS718 Datasheet
830Kb / 14P
High Isolation Linear Current Sensor IC
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
Isolation of up to 5000 Vrms
logo
Wall Industries,Inc.
PSLS05 WALL-PSLS05_18 Datasheet
807Kb / 6P
Isolation of 3000VAC
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
857-420 WAGO-857-420 Datasheet
680Kb / 10P
Isolation amplifier; Current input signal; Current and voltage output signal;
857-411 WAGO-857-411 Datasheet
594Kb / 11P
Isolation amplifier; Current input signal; Current output signal
857-403 WAGO-857-403 Datasheet
568Kb / 8P
Isolation amplifier; Current and voltage input signal;
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com