Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IPE014V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPE014V1
Description  Isolation of current channel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE014V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPE014V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE014V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE014V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE014V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-IPE014V1
Multiphase energy meter daughterboard based on the STPMS2
smart sensor device
Data brief
Features
•
Modular and programmable
•
Supports:
−
3-phase, 4-wire RSTN, 4-system RSTN
(tamper); extra module required
−
3-phase, 4-wire RSTN, 3-system RST
−
3-phase, 3-wire RST_, 3-system
RST_(tamper)
−
3-phase, 3-wire RST_, 2-system
R_T_(Aron)
−
2-phase, 3-wire _STN, 2-system
_ST_(America)
−
1-phase, 2-wire _TN, 2-system
_ST_(tamper)
−
1-phase, 2-wire _TN, 1-system _T_
•
4 LED indicators to display:
−
Power
−
No load condition
−
Tamper detection
−
Reverse current direction
•
Embedded capacitive power supply
•
Isolation of current channel
•
RoHS compliant
Description
The STEVAL-IPE014V1 is a daughterboard
based on the STPMS2 "smart sensor" device,
and is designed for use with the STPMC1-based
STEVAL-IPE010V2 motherboard. Together the
system provides a complete, ready-to-use energy
meter application. When connected to the
motherboard, each STEVAL-IPE014V1
daughterboard serves a single phase, converting
and multiplexing the voltage and current
information and sending the stream to the
STPMC1 energy calculator IC.
November 2014
DocID022154 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Similar Part No. - STEVAL-IPE014V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE015V1 STMICROELECTRONICS-STEVAL-IPE015V1 Datasheet
180Kb / 4P
Single-phase energy metering demonstration board with two current transformers based on the STPM10
22-Dec-2011
STEVAL-IPE016V1 STMICROELECTRONICS-STEVAL-IPE016V1 Datasheet
167Kb / 4P
Capacitive power supply
22-Dec-2011
More results

Similar Description - STEVAL-IPE014V1

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
Input to Output Isolation of 1500VDC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
Input to Output Isolation of 1500VDC
logo
Allegro MicroSystems
ACS717 ALLEGRO-ACS717 Datasheet
854Kb / 14P
High Isolation, Linear Current Sensor IC
ACS718 ALLEGRO-ACS718 Datasheet
830Kb / 14P
High Isolation Linear Current Sensor IC
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
Isolation of up to 5000 Vrms
logo
Wall Industries,Inc.
PSLS05 WALL-PSLS05_18 Datasheet
807Kb / 6P
Isolation of 3000VAC
logo
WAGO Kontakttechnik Gmb...
2857-401 WAGO-2857-401 Datasheet
712Kb / 10P
Isolation amplifier; Bipolar current and voltage input signal; Bipolar current
857-420 WAGO-857-420 Datasheet
680Kb / 10P
Isolation amplifier; Current input signal; Current and voltage output signal;
857-411 WAGO-857-411 Datasheet
594Kb / 11P
Isolation amplifier; Current input signal; Current output signal
857-403 WAGO-857-403 Datasheet
568Kb / 8P
Isolation amplifier; Current and voltage input signal;
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com